Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM54161W Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54161W
Description  Synchronous 4-Bit Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54161W Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DM54161W Datasheet HTML 2Page - National Semiconductor (TI) DM54161W Datasheet HTML 3Page - National Semiconductor (TI) DM54161W Datasheet HTML 4Page - National Semiconductor (TI) DM54161W Datasheet HTML 5Page - National Semiconductor (TI) DM54161W Datasheet HTML 6Page - National Semiconductor (TI) DM54161W Datasheet HTML 7Page - National Semiconductor (TI) DM54161W Datasheet HTML 8Page - National Semiconductor (TI) DM54161W Datasheet HTML 9Page - National Semiconductor (TI) DM54161W Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Parameter Measurement Information
Switching Time Waveforms
TLF6551 – 6
Note A
The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X For 161 and 163
tr s 10 ns tf s 10 ns Vary PRR to measure fMAX
Note B
Outputs QD and carry are tested at tna16 for 161 163 where tn is the bit time when all outputs are low
Note C
For 161 and 163 VREF e 15V
7


Similar Part No. - DM54161W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM54161 TI1-DM54161 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
National Semiconductor ...
DM54161A NSC-DM54161A Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
DM54161AJ NSC-DM54161AJ Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
DM54161AW NSC-DM54161AW Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
More results

Similar Description - DM54161W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
Texas Instruments
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com