Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450T228S252B1B1 Datasheet(PDF) 8 Page - CTS Corporation

Part # 450T228S252B1B1
Description  Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T228S252B1B1 Datasheet(HTML) 8 Page - CTS Corporation

  450T228S252B1B1 Datasheet HTML 1Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 2Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 3Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 4Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 5Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 6Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 7Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 8Page - CTS Corporation 450T228S252B1B1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Shaft Trim Options
8 - 9
CTS Electrocomponents
www.ctscorp.com
DIMENSION:
mm
inch
MOUNTING SURFACE
3/8-32 UNEF-2A THRD.
11.1
3.15
.438
.124
050-T450 Metal Shaft, Bushing Mount, Solder Lug terminals, 050 Switch
* Refer to Ordering Information for switch details
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
11.3
1
2
3
0.4
5.6
9.5
Ø2.4
(4)
1
2
3
13.1
6.7
6.4
HOLES
SWITCH TERMINAL
3.2±0.13
.125±.005
.804
20.4
15.09
.594
MOUNTING SURFACE
±0.4
±.016
“A”
±0.8
±.031
“L”
Ø23.8
.937
.016
1.52
.060
.220
.374
.445
3/8-32 UNEF-2A THRD.
.094
(2)
12.7
.500
MAX
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
11.1
.438
.804
20.4
15.09
.594
"L" ±0.8
±.031
12.7
.500
Ø23.8
.937
Ø23.4
.921
.252
.264
.010 x .126
2.4 x 3.2
.516
TGC-TMG450 Metal Shaft, Bushing Mount with Insulated Plate, Type “T” Solder Lug Terminals,
TGC Switch
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
DIMENSION:
mm
inch
6.35
.250
04/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.
6.35
.250”
6.35
.250”
3.96
.156”
9.53
.375”
5.99
.236”
1.57
.062”
24 TEETH
8.74
.344”
5.99
.236”
1.17
.046”
1.57
.062”
DIMENSION:
mm
inch
* Refer to page 3 for 050 switch detail
* Refer to page 2 for TGC switch detail


Similar Part No. - 450T228S252B1B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450T228S252B1B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com