Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C41280JY2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1848C41280JY2
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C41280JY2 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1848C41280JY2 Datasheet HTML 1Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 2Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 3Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 4Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 5Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 6Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 7Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 8Page - Vishay Siliconix MKP1848C41280JY2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
4
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
500
UOPDC AT 70 °C = 600 V, UOPDC AT 105 °C = 350 V
22
21.5
38.5
43
37.5
10.2
20
440
9
10
9
7
210
200
MKP1848C62250JP*
25
21.5
38.5
43
37.5
10.2
20
500
9
10
8
6
210
200
MKP1848C62550JP*
30
24
44
42
37.5
10.2
20
600
11
13
7
5
210
200
MKP1848C63050JP*
35
24
44
42
37.5
10.2
20
700
12
14
6
4.5
210
200
MKP1848C63550JP*
40
30
45
42
37.5
10.2/20.3
20
800
13
15
5
4
210
200
MKP1848C64050JP*
45
30
45
42
37.5
10.2/20.3
20
900
14
16
4.5
3.5
210
200
MKP1848C64550JP*
50
30
45
42
37.5
10.2/20.3
20
1000
15
17
4
3
210
200
MKP1848C65050JP*
55
30
57
42
37.5
20.3
20
1100
16
18
3.5
3
210
200
MKP1848C65550JP*
60
30
57
42
37.5
20.3
20
1200
16
18
3.5
3
210
200
MKP1848C66050JP*
65
30
57
42
37.5
20.3
20
1300
18
19
2.5
2
210
200
MKP1848C66550JP*
50
25
45
57.5
52.5
10.2
10
500
10
11
7
6
450
400
MKP1848C65050JY*
55
25
45
57.5
52.5
10.2
10
550
11
13
7
6
450
400
MKP1848C65550JY*
60
30
45
57.5
52.5
20.3
10
600
12
14
6
5
450
400
MKP1848C66050JY*
65
30
45
57.5
52.5
20.3
10
650
12
14
6
5
450
400
MKP1848C66550JY*
70
30
45
57.5
52.5
20.3
10
700
13
15
6
5
450
400
MKP1848C67050JY*
75
35
50
57.5
52.5
20.3
10
750
14
16
5
4
450
400
MKP1848C67550JY*
80
35
50
57.5
52.5
20.3
10
800
15
17
4.5
3
450
400
MKP1848C68050JY*
90
35
50
57.5
52.5
20.3
10
900
16
18
4
3
450
400
MKP1848C69050JY*
100
35
50
57.5
52.5
20.3
10
1000
17
19
4
3
450
400
MKP1848C71050JY*
110
45
45
57.5
52.5
20.3
10
1100
-
19
-
2.5
-
450
MKP1848C71150JY5
120
45
45
57.5
52.5
20.3
10
1200
-
19
-
2.5
-
450
MKP1848C71250JY5
250 (6)
70
65
57.5
52.5
20.3
4
1000
-
25
-
2
-
450
MKP1848C72550JY5
500 (7)
130
65
57.5
52.5
20.3
2
1000
-
45
-
1.5
-
500
MKP1848C75050JY5
600
UOPDC AT 70 °C = 720 V, UOPDC AT 105 °C = 420 V
1
9.0
19.0
32.0
27.5
-
50
50
2.5
-
55
-
85
-
MKP1848C51060JK2
2
9.0
19.0
32.0
27.5
-
50
100
3
-
35
-
85
-
MKP1848C52060JK2
3
11.0
21.0
32.0
27.5
-
50
150
4
-
23
-
85
-
MKP1848C53060JK2
4
11.0
21.0
32.0
27.5
-
50
200
4
-
21
-
85
-
MKP1848C54060JK2
5
13.0
23.0
32.0
27.5
-
50
250
5
-
17
-
85
-
MKP1848C55060JK2
6
15.0
25.0
32.0
27.5
-
50
300
6
-
14
-
85
-
MKP1848C56060JK2
7
15.0
25.0
32.0
27.5
-
50
350
6
-
12
-
85
-
MKP1848C57060JK2
8
18.0
28.0
32.0
27.5
-
50
400
8
-
9
-
85
-
MKP1848C58060JK2
9
18.0
28.0
32.0
27.5
-
50
450
8
-
9
-
85
-
MKP1848C59060JK2
10
18.0
28.0
32.0
27.5
-
50
500
9
-
8
-
85
-
MKP1848C61060JK2
12
21.0
31.0
32.0
27.5
-
50
600
10
-
7
-
85
-
MKP1848C61260JK2
15
20.0
35.0
32.0
27.5
-
50
750
10
-
6
-
85
-
MKP1848C61560JK2
10
18.5
35.5
43.0
37.5
10.2
25
250
7
8
14
12
160
140
MKP1848C61060JP*
12
18.5
35.5
43.0
37.5
10.2
25
300
8
9
12
10
160
140
MKP1848C61260JP*
15
18.5
35.5
43.0
37.5
10.2
25
375
9
10
9
8
160
140
MKP1848C61560JP*
20
21.5
38.5
43.0
37.5
10.2
25
500
11
12
7
6
160
140
MKP1848C62060JP*
22
21.5
38.5
43.0
37.5
10.2
25
550
11
12
8
7
160
140
MKP1848C62260JP*
25
21.5
38.5
43.0
37.5
10.2
25
625
11
13
7
6
160
140
MKP1848C62560JP*
30
24.0
44.0
42.0
37.5
10.2
25
750
13
15
6
5
160
140
MKP1848C63060JP*
35
30.0
45.0
42.0
37.5
10.2/20.3
25
875
17
18
4
3.5
160
140
MKP1848C63560JP*
40
30.0
45.0
42.0
37.5
10.2/20.3
25
1000
17
18
4
3.5
160
140
MKP1848C64060JP*
45
30.0
45.0
42.0
37.5
10.2/20.3
25
1125
17
18
4
3.5
160
140
MKP1848C64560JP*
50
30.0
57.0
42.0
37.5
20.3
25
1250
18
19
3.0
2.5
160
140
MKP1848C65060JP*
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848C41280JY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C41280JY2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com