Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C71212JP4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1848C71212JP4
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C71212JP4 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1848C71212JP4 Datasheet HTML 1Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 2Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 3Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 4Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 5Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 6Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 7Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 8Page - Vishay Siliconix MKP1848C71212JP4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
5
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
600
UOPDC AT 70 °C = 720 V, UOPDC AT 105 °C = 420 V
40
25.0
45.0
57.5
52.5
10.2
14
560
13
14
7
6
350
300
MKP1848C64060JY*
45
25.0
45.0
57.5
52.5
10.2
14
630
13
14
7
6
350
300
MKP1848C64560JY*
50
30.0
45.0
57.5
52.5
20.3
14
700
15
16
6
5
350
300
MKP1848C65060JY*
55
30.0
45.0
57.5
52.5
20.3
14
770
15
16
6
5
350
300
MKP1848C65560JY*
60
30.0
45.0
57.5
52.5
20.3
14
840
15
17
5
4
350
300
MKP1848C66060JY*
65
35.0
50.0
57.5
52.5
20.3
14
910
18
20
4
3.5
350
300
MKP1848C66560JY*
70
35.0
50.0
57.5
52.5
20.3
14
980
18
20
4.5
4
350
300
MKP1848C67060JY*
75
35.0
50.0
57.5
52.5
20.3
14
1050
18
21
4
3.5
350
300
MKP1848C67560JY*
80
35.0
50.0
57.5
52.5
20.3
14
1120
18
21
4
3.5
350
300
MKP1848C68060JY*
90
45.0
45.0
57.5
52.5
20.3
14
1260
-
22
-
3
-
300
MKP1848C69060JY5
100
45.0
45.0
57.5
52.5
20.3
14
1400
-
23
-
2.5
-
300
MKP1848C71060JY5
200 (6)
70.0
65.0
57.5
52.5
20.3
5
1000
-
30
-
2
-
350
MKP1848C72060JY5
400 (7)
130.0
65.0
57.5
52.5
20.3
2.5
1000
-
50
-
1.5
-
400
MKP1848C74060JY5
800
UOPDC AT 70 °C = 960 V, UOPDC AT 105 °C = 560 V
1
9.0
19.0
32.0
27.5
-
60
60
2.5
-
55
-
70
-
MKP1848C51080JK2
2
9.0
19.0
32.0
27.5
-
60
120
3
-
35
-
70
-
MKP1848C52080JK2
3
11.0
21.0
32.0
27.5
-
60
180
4
-
23
-
70
-
MKP1848C53080JK2
4
13.0
23.0
32.0
27.5
-
60
240
5
-
17
-
70
-
MKP1848C54080JK2
5
15.0
25.0
32.0
27.5
-
60
300
6
-
14
-
70
-
MKP1848C55080JK2
6
18.0
28.0
32.0
27.5
-
60
360
7
-
12
-
70
-
MKP1848C56080JK2
7
18.0
28.0
32.0
27.5
-
60
420
8
-
10
-
70
-
MKP1848C57080JK2
8
18.0
28.0
32.0
27.5
-
60
480
8
-
9
-
70
-
MKP1848C58080JK2
9
21.0
31.0
32.0
27.5
-
60
540
10
-
7.5
-
70
-
MKP1848C59080JK2
10
21.0
31.0
32.0
27.5
-
60
600
10
-
7
-
70
-
MKP1848C61080JK2
12
20.0
35.0
32.0
27.5
-
60
720
11
-
6
-
70
-
MKP1848C61280JK2
10
18.5
35.5
43.0
37.5
10.2
35
350
7
8
14
12
140
120
MKP1848C61080JP*
12
18.5
35.5
43.0
37.5
10.2
35
420
8
9
12
10
140
120
MKP1848C61280JP*
15
18.5
35.5
43.0
37.5
10.2
35
525
9
10
9
8
140
120
MKP1848C61580JP*
20
21.5
38.5
43.0
37.5
10.2
35
700
11
12
7
6
140
120
MKP1848C62080JP*
22
24.0
44.0
42.0
37.5
10.2
35
770
13
14
6
5
140
120
MKP1848C62280JP*
25
24.0
44.0
42.0
37.5
10.2
35
875
13
14
6
5
140
120
MKP1848C62580JP*
30
30.0
45.0
42.0
37.5
10.2/20.3
35
1050
16
17
5
4
140
120
MKP1848C63080JP*
35
30.0
45.0
42.0
37.5
10.2/20.3
35
1225
17
18
4
3.5
140
120
MKP1848C63580JP*
40
30.0
57.0
42.0
37.5
20.3
35
1400
18
19
3
2.5
140
120
MKP1848C64080JP*
30
25.0
45.0
57.5
52.5
10.2
18
540
11
12
9
8
280
240
MKP1848C63080JY*
35
25.0
45.0
57.5
52.5
10.2
18
630
12
13
8
7
280
240
MKP1848C63580JY*
40
25.0
45.0
57.5
52.5
10.2
18
720
13
14
7
6
280
240
MKP1848C64080JY*
45
30.0
45.0
57.5
52.5
20.3
18
810
14
15
6
5
280
240
MKP1848C64580JY*
50
30.0
45.0
57.5
52.5
20.3
18
900
15
16
6
5
280
240
MKP1848C65080JY*
55
35.0
50.0
57.5
52.5
20.3
18
990
17
18
5
4
280
240
MKP1848C65580JY*
60
35.0
50.0
57.5
52.5
20.3
18
1080
18
19
5
4
280
240
MKP1848C66080JY*
65
35.0
50.0
57.5
52.5
20.3
18
1170
19
20
4
3.5
280
240
MKP1848C66580JY*
70
45.0
45.0
57.5
52.5
20.3
18
1260
-
20
-
3.5
-
240
MKP1848C67080JY5
75
45.0
45.0
57.5
52.5
20.3
18
1350
-
22
-
3
-
240
MKP1848C67580JY5
80
45.0
45.0
57.5
52.5
20.3
18
1440
-
22
-
3
-
240
MKP1848C68080JY5
160 (6)
70.0
65.0
57.5
52.5
20.3
8
1280
-
30
-
2.5
-
280
MKP1848C71680JY5
320 (7)
130.0
65.0
57.5
52.5
20.3
4.0
1280
-
55
-
1.5
-
280
MKP1848C73280JY5
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848C71212JP4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C71250JY5 VISHAY-MKP1848C71250JY5 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C71290JY5 VISHAY-MKP1848C71290JY5 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C71212JP4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com