Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C51280JJ5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1848C51280JJ5
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C51280JJ5 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1848C51280JJ5 Datasheet HTML 2Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 3Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 4Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 5Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 6Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 7Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 8Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 9Page - Vishay Siliconix MKP1848C51280JJ5 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
6
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
900
UOPDC AT 70 °C = 1100 V, UOPDC AT 105 °C = 650 V
1
9.0
19.0
32.0
27.5
-
65
65
2
-
65
-
60
-
MKP1848C51090JK2
2
11.0
21.0
32.0
27.5
-
65
130
3
-
30
-
60
-
MKP1848C52090JK2
3
13.0
23.0
32.0
27.5
-
65
195
4
-
20
-
60
-
MKP1848C53090JK2
4
15.0
25.0
32.0
27.5
-
65
260
5
-
16
-
60
-
MKP1848C54090JK2
5
18.0
28.0
32.0
27.5
-
65
325
7
-
13
-
60
-
MKP1848C55090JK2
6
18.0
28.0
32.0
27.5
-
65
390
7
-
11
-
60
-
MKP1848C56090JK2
7
21.0
31.0
32.0
27.5
-
65
455
9
-
9
-
60
-
MKP1848C57090JK2
8
21.0
31.0
32.0
27.5
-
65
520
9
-
8
-
60
-
MKP1848C58090JK2
9
20.0
35.0
32.0
27.5
-
65
585
9
-
7
-
60
-
MKP1848C59090JK2
10
20.0
35.0
32.0
27.5
-
65
650
9
-
7
-
60
-
MKP1848C61090JK2
9
18.5
35.5
43.0
37.5
10.2
35
315
8
9
14
12
120
110
MKP1848C59090JP*
10
18.5
35.5
43.0
37.5
10.2
35
350
8
9
13
11
120
110
MKP1848C61090JP*
12
18.5
35.5
43.0
37.5
10.2
35
420
8
9
11
9
120
110
MKP1848C61290JP*
15
21.5
38.5
43.0
37.5
10.2
35
525
10
11
9
8
120
110
MKP1848C61590JP*
20
24.0
44.0
42.0
37.5
10.2
35
700
13
14
6
5
120
110
MKP1848C62090JP*
22
30.0
45.0
42.0
37.5
10.2/20.3
35
770
14
15
6
5
120
110
MKP1848C62290JP*
25
30.0
45.0
42.0
37.5
10.2/20.3
35
875
15
16
5
4.5
120
110
MKP1848C62590JP*
30
30.0
57.0
42.0
37.5
20.3
35
1050
17
18
4.5
4
120
110
MKP1848C63090JP*
35
30.0
57.0
42.0
37.5
20.3
35
1225
18
19
3.5
3
120
110
MKP1848C63590JP*
30
25.0
45.0
57.5
52.5
10.2
18
540
12
13
8
7
240
220
MKP1848C63090JY*
35
30.0
45.0
57.5
52.5
20.3
18
630
13
14
7
6
240
220
MKP1848C63590JY*
40
30.0
45.0
57.5
52.5
20.3
18
720
14
15
6
5
240
220
MKP1848C64090JY*
45
35.0
50.0
57.5
52.5
20.3
18
810
16
17
6
5
240
220
MKP1848C64590JY*
50
35.0
50.0
57.5
52.5
20.3
18
900
17
18
5
4.5
240
220
MKP1848C65090JY*
55
45.0
45.0
57.5
52.5
20.3
18
990
-
19
-
4
-
220
MKP1848C65590JY5
60
45.0
45.0
57.5
52.5
20.3
18
1080
-
20
-
3.5
-
220
MKP1848C66090JY5
120 (6)
70.0
65.0
57.5
52.5
20.3
13
1560
-
25
-
3
-
240
MKP1848C71290JY5
240 (7)
130.0
65.0
57.5
52.5
20.3
6
1440
-
45
-
1.5
-
240
MKP1848C72490JY5
1000
UOPDC AT 70 °C = 1200 V, UOPDC AT 105 °C = 700 V
1
9.0
19.0
32.0
27.5
-
70
70
2
-
65
-
50
-
MKP1848C51010JK2
2
13.0
23.0
32.0
27.5
-
70
140
3.5
-
30
-
50
-
MKP1848C52010JK2
3
15.0
25.0
32.0
27.5
-
70
210
5
-
21
-
50
-
MKP1848C53010JK2
4
18.0
28.0
32.0
27.5
-
70
280
6
-
16
-
50
-
MKP1848C54010JK2
5
18.0
31.0
32.0
27.5
-
70
350
7
-
13
-
50
-
MKP1848C55010JK2
6
21.0
31.0
32.0
27.5
-
70
420
8
-
10
-
50
-
MKP1848C56010JK2
7
21.0
35.0
32.0
27.5
-
70
490
9
-
9
-
50
-
MKP1848C57010JK2
5
18.5
35.5
43.0
37.5
10.2
35
175
6
7
21
19
100
90
MKP1848C55010JP*
6
18.5
35.5
43.0
37.5
10.2
35
210
6
7
18
16
100
90
MKP1848C56010JP*
7
18.5
35.5
43.0
37.5
10.2
35
245
6
7
18
16
100
90
MKP1848C57010JP*
8
18.5
35.5
43.0
37.5
10.2
35
280
7
8
16
14
100
90
MKP1848C58010JP*
9
18.5
35.5
43.0
37.5
10.2
35
315
7
8
14
12
100
90
MKP1848C59010JP*
10
21.5
38.5
43.0
37.5
10.2
35
350
8
9
12
11
100
90
MKP1848C61010JP*
12
21.5
38.5
43.0
37.5
10.2
35
420
9
10
10
9
100
90
MKP1848C61210JP*
15
24.0
44.0
42.0
37.5
10.2
35
525
11
12
8
7
100
90
MKP1848C61510JP*
20
30.0
45.0
42.0
37.5
10.2/20.3
35
700
14
15
6
5
100
90
MKP1848C62010JP*
22
30.0
57.0
42.0
37.5
20.3
35
770
14
15
6
5
100
90
MKP1848C62210JP*
25
30.0
57.0
42.0
37.5
20.3
35
875
16
17
4
3.5
100
90
MKP1848C62510JP*
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848C51280JJ5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51080JK2 VISHAY-MKP1848C51080JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C51280JJ5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com