Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848C41290JJ5 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1848C41290JJ5
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C41290JJ5 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1848C41290JJ5 Datasheet HTML 7Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 8Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 9Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 10Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 11Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 12Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 13Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 14Page - Vishay Siliconix MKP1848C41290JJ5 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
11
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Change the * symbol with special code for the terminals
(2) SPQ = Standard Packing Quantity
(3) 6 pins, under release
(4) 12 pins, under release
(5) Intermediate capacitance values available on request
1000
38.5
10
1.0
MKP1848C61010JP*
39
91
38.5
12
1.0
MKP1848C61210JP*
36
91
44
15
1.0
MKP1848C61510JP*
47
77
45
20
1.0
MKP1848C62010JP*
57
63
57
22
1.0
MKP1848C62210JP*
60
63
57
25
1.0
MKP1848C62510JP*
60
63
45
15
1.2
MKP1848C61510JY*
70
55
45
20
1.2
MKP1848C62010JY*
73
55
45
22
1.2
MKP1848C62210JY*
70
55
45
25
1.2
MKP1848C62510JY*
98
45
45
30
1.2
MKP1848C63010JY*
89
45
50
35
1.2
MKP1848C63510JY*
109
40
50
40
1.2
MKP1848C64010JY*
99
40
45
45
1.2
MKP1848C64510JY5
124
30
45
50
1.2
MKP1848C65010JY5
117
30
65
100 (3)
1.2
MKP1848C71010JY5
259
20
65
200 (4)
1.2
MKP1848C72010JY5
608
10
1200
21
1
0.8
MKP1848C51012JK2
9
130
25
2
0.8
MKP1848C52012JK2
12
100
28
3
0.8
MKP1848C53012JK2
16
80
31
4
0.8
MKP1848C54012JK2
21.5
65
35
5
0.8
MKP1848C55012JK2
20
70
35.5
5
1.0
MKP1848C55012JP*
33
105
35.5
6
1.0
MKP1848C56012JP*
30
105
38.5
7
1.0
MKP1848C57012JP*
39
91
38.5
8
1.0
MKP1848C58012JP*
37
91
44
9
1.0
MKP1848C59012JP*
50
77
44
10
1.0
MKP1848C61012JP*
48
77
45
12
1.0
MKP1848C61212JP*
63
63
57
15
1.0
MKP1848C61512JP*
60
63
45
10
1.2
MKP1848C61012JY*
81
55
45
12
1.2
MKP1848C61212JY*
77
55
45
15
1.2
MKP1848C61512JY*
70
55
45
20
1.2
MKP1848C62012JY*
91
45
50
22
1.2
MKP1848C62212JY*
115
40
50
25
1.2
MKP1848C62512JY*
108
40
45
30
1.2
MKP1848C63012JY5
126
30
65
60 (3)
1.2
MKP1848C66012JY5
256
20
65
65 (3)
1.2
MKP1848C66512JY5
257
20
65
140 (4)
1.2
MKP1848C71412JY5
608
10
PACKAGING INFORMATION
UNDC
(V)
HEIGHT
(mm)
CAP. (5)
(μF)
Ø dt
ORDERING CODE (1)
MASS
(g)
SPQ (2)
(pcs)


Similar Part No. - MKP1848C41290JJ5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C41290JJ5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com