Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300680079 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300680079
Description  Brad Power Quick-Change 4 Pole Tee with 4 Pole Quick-Change Drop
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300680079 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300680079 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300680079
Status:
Active
Overview:
Brad® Quick-Change® Connectors
Description:
Brad® Power Quick-Change® 4 Pole Tee with 4 Pole Quick-Change® Drop
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E258922
General
Product Family
Industrial Tees and Splitters
Series
130068
IP Rating
IP67
Overview
Brad® Quick-Change® Connectors
Product Name
Quick-Change®
Type
Power Tap Tee
UPC
78678877118
Physical
Color - Cable Jacket
Gray
Drop Connector
Quick-Change®
Drop Gender
Female
Keyway
Single
Left Trunk Connector
Quick-Change®
Left Trunk Gender
Female
Leg 1 Length
N/A
Leg 2 Length
N/A
Material - Cable Jacket
N/A
Material - Connector Body
PVC
Material - Coupling Nut
Anodized Aluminum
Net Weight
303.907/g
Poles
4
Right Trunk Connector
Quick-Change®
Right Trunk Gender
Male
Temperature Range - Operating
-20°C to +90°C
Electrical
Current - Maximum per Contact
25.0A
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
TC40C40-200
Reference - Drawing Numbers
Sales Drawing
SD-130068-010
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130068 Series
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300680079

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300680072 MOLEX11-1300680072 Datasheet
31Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop Cable
1300680075 MOLEX11-1300680075 Datasheet
30Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop Cable
More results

Similar Description - 1300680079

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300680086 MOLEX11-1300680086 Datasheet
33Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Quick-Change Drop, Alt Key
1300680069 MOLEX11-1300680069 Datasheet
33Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop
1300680072 MOLEX11-1300680072 Datasheet
31Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop Cable
1300680075 MOLEX11-1300680075 Datasheet
30Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop Cable
1300680045 MOLEX11-1300680045 Datasheet
33Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Quick-Change Drop
1300680082 MOLEX11-1300680082 Datasheet
33Kb / 1P
   Brad Power Quick-Change 4 Pole Tee with 4 Pole Mini-Change Drop, Alt Key
1300680055 MOLEX11-1300680055 Datasheet
33Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Quick-Change Drop, Alt Key
1300680034 MOLEX11-1300680034 Datasheet
33Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Mini-Change Drop
1300680042 MOLEX11-1300680042 Datasheet
30Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Mini-Change Drop Cable
1300680051 MOLEX11-1300680051 Datasheet
33Kb / 1P
   Brad Power Quick-Change 3 Pole Tee with 3 Pole Mini-Change Drop, Alt Key
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com