Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1988J Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1988J
Description  Low Drive Power Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1988J Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1988J Datasheet HTML 1Page - IXYS Corporation CPC1988J Datasheet HTML 2Page - IXYS Corporation CPC1988J Datasheet HTML 3Page - IXYS Corporation CPC1988J Datasheet HTML 4Page - IXYS Corporation CPC1988J Datasheet HTML 5Page - IXYS Corporation CPC1988J Datasheet HTML 6Page - IXYS Corporation CPC1988J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
3
www.ixysic.com
R07
CPC1988
2
Thermal Characteristics
2.1 Thermal Management
Device high current characterization was performed using Kunze heat sink KU 1-159, phase change thermal interface
material KU-ALC 5, and transistor clip KU 4-499/1. This combination provided an approximate junction-to-ambient
thermal resistance of 12.5°C/W.
2.2 Heat Sink Calculation
Higher load currents are possible by using lower thermal resistance heat sink combinations.
Parameter
Conditions
Symbol
Rating
Units
Thermal Resistance (Junction to Case)
-
JC
0.3
°C/W
Thermal Resistance (Junction to Ambient)
Free Air
JA
33
°C/W
Junction Temperature (Operating)
-
TJ
-40 to +100
°C
T
J = Junction Temperature (°C), TJ ≤ 100°C *
T
A = Ambient Temperature (°C)
I
L(99) = Load Current with Case Temperature @ 99°C (ADC)
I
L = Desired Operating Load Current (ADC), IL ≤ IL(MAX)
θ
JC = Thermal Resistance, Junction to Case (°C/W) = 0.3°C/W
θ
CA = Thermal Resistance of Heat Sink & Thermal Interface Material , Case to Ambient (°C/W)
P
D(99) = Maximum power dissipation with case temperature held at 99ºC = 3.33W
* Elevated junction temperature reduces semiconductor lifetime.
NOTE: The exposed surface of the DCB substrate is not to be soldered.
Heat Sink Rating
θ
CA =
-
θ
JC
(T
J - TA) IL(99)
2
I
L
2
P
D(99)


Similar Part No. - CPC1988J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1988J CLARE-CPC1988J Datasheet
139Kb / 6P
   ISOPLUS??264 Power Relay
CPC1988J CLARE-CPC1988J Datasheet
889Kb / 7P
   ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1988J IXYS-CPC1988J Datasheet
196Kb / 3P
   Power Relay Branding
More results

Similar Description - CPC1988J

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1726 IXYS-CPC1726 Datasheet
115Kb / 6P
   Low Drive Power Requirements
CPC1010N IXYS-CPC1010N Datasheet
129Kb / 5P
   Low Drive Power Requirements
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
   Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
   Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
   Low Drive Power Requirements
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1709 IXYS-CPC1709 Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1708 IXYS-CPC1708 Datasheet
201Kb / 7P
   Low Drive Power Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com