Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55B107M004C0045 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T55B107M004C0045
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55B107M004C0045 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T55B107M004C0045 Datasheet HTML 3Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 4Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 5Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 6Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 7Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 8Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 9Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 10Page - Vishay Siliconix T55B107M004C0045 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
7
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +105 °C
47
A
T55A476M6R3C0500
29.6
10
500
0.48
47
A
T55A476M6R3C0200
29.6
10
200
0.76
47
A
T55A476M6R3C0180
29.6
10
180
0.79
47
A
T55A476M6R3C0150
29.6
10
150
0.88
47
A
T55A476M6R3C0100
29.6
10
100
1.07
47
A
T55A476M6R3C0070
29.6
10
70
1.28
47
T
T55T476M6R3C0200
29.6
10
200
0.72
47
T
T55T476M6R3C0120
29.6
10
120
0.93
47
T
T55T476M6R3C0080
29.6
10
80
1.15
47
T
T55T476M6R3C0070
29.6
10
70
1.22
47
B
T55B476M6R3C0150
29.6
8
150
0.93
47
B
T55B476M6R3C0070
29.6
8
70
1.36
47
B
T55B476M6R3C0060
29.6
8
60
1.47
47
B
T55B476M6R3C0040
29.6
8
40
1.80
68
T
T55T686M6R3C0200
42.8
10
200
0.72
68
T
T55T686M6R3C0150
42.8
10
150
0.83
68
T
T55T686M6R3C0070
42.8
10
70
1.22
68
B
T55B686M6R3C0150
42.8
8
150
0.93
68
B
T55B686M6R3C0070
42.8
8
70
1.36
100
A
T55A107M6R3C0200
63.0
10
200
0.76
100
A
T55A107M6R3C0150
63.0
10
150
0.88
100
A
T55A107M6R3C0100
63.0
10
100
1.07
100
A
T55A107M6R3C0070
63.0
10
70
1.28
100
T
T55T107M6R3C0200
63.0
10
200
0.72
100
T
T55T107M6R3C0070
63.0
10
70
1.22
100
B
T55B107M6R3C0100
63.0
8
100
1.14
100
B
T55B107M6R3C0070
63.0
8
70
1.36
100
B
T55B107M6R3C0055
63.0
8
55
1.53
100
B
T55B107M6R3C0045
63.0
8
45
1.70
100
B
T55B107M6R3C0040
63.0
8
40
1.80
100
B
T55B107M6R3C0035
63.0
8
35
1.93
150
B
T55B157M6R3C0100
94.5
8
100
1.14
150
B
T55B157M6R3C0070
94.5
8
70
1.36
150
B
T55B157M6R3C0055
94.5
8
55
1.53
150
B
T55B157M6R3C0045
94.5
8
45
1.70
150
B
T55B157M6R3C0040
94.5
8
40
1.80
150
B
T55B157M6R3C0035
94.5
8
35
1.93
150
B (1)
T55B157M6R3C0025
94.5
8
25
2.28
150
V
T55V157M6R3C0055
94.5
10
55
1.84
150
V
T55V157M6R3C0045
94.5
10
45
2.03
150
V
T55V157M6R3C0040
94.5
10
40
2.16
150
V
T55V157M6R3C0035
94.5
10
35
2.31
150
V
T55V157M6R3C0025
94.5
10
25
2.73
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
)
MAX. RIPPLE, AT 45 °C
100 kHz IRMS
(A)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni/Pd/Au, cases T, B, V, D: Ni/Pd/Au.
(1) In development.


Similar Part No. - T55B107M004C0045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55B107M004C0045 VISHAY-T55B107M004C0045 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55B107M004C0045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com