Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBCB2330GC5N0 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDBCB2330GC5N0
Description  LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDBCB2330GC5N0 Datasheet(HTML) 1 Page - Kemet Corporation

  LDBCB2330GC5N0 Datasheet HTML 1Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 2Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 3Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 4Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 5Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 6Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 7Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 8Page - Kemet Corporation LDBCB2330GC5N0 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3082_LDB • 5/20/2015
1
One world. One KEMET
Benefits
• Rated voltage: 16 and 50 VDC
• Capacitance range: 0.0033 – 0.1 µF
• EIA size: 1206 – 1812
• Capacitance tolerance: ±2%, ±5%
• Climatic category: 55/125/56
• RoHS Complaint and lead-free terminations
• Operatingtemperaturerangeof-55˚Cto+125˚C
Overview
Polyphenylenesulphide(PPS)filmcapacitorforsurface
mounting.
Applications
Typicalapplicationsincludetiming,filteringanduseasamemory
capacitor. The LDB Series is designed for high stability, accuracy
and temperature.
Surface Mount Metallized PPS Film Capacitor
LDB Series Unencapsulated Stacked Chip,
Size 1206 – 1812, 16 and 50 VDC
Part Number System
LDB
A
A
2120
G
C
5
N
0
Series
Rated Voltage
(VDC)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Dielectric
Version
Packaging
Internal Use
Metallized PPS A = 16
C = 50
See Dimension
Table
Digits 2-4 indicate the
firstthreedigitsofthe
capacitance value.
First digit indicates the
number of zeros to be
added.
G = ±2%
J = ±5%
C = PPS
5 = Standard
See Ordering
Options Table
0 (Standard)


Similar Part No. - LDBCB2330GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
LDBCC2820JC5N0 KEMET-LDBCC2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
More results

Similar Description - LDBCB2330GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAA2120GC5N0 KEMET-LDBAA2120GC5N0_16 Datasheet
841Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
LDBCC2820JC5N0 KEMET-LDBCC2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
logo
Littelfuse
04661.75NR LITTELFUSE-04661.75NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466004.NR LITTELFUSE-0466004.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.25NR LITTELFUSE-04661.25NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466005.NR LITTELFUSE-0466005.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046601.5NR LITTELFUSE-046601.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046602.5NR LITTELFUSE-046602.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466002.NR LITTELFUSE-0466002.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com