Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P405QE104M125AH330 Datasheet(PDF) 8 Page - Kemet Corporation

Part # P405QE104M125AH330
Description  Metallized Impregnated Paper, 125 VAC/250 VDC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P405QE104M125AH330 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button P405QE104M125AH330 Datasheet HTML 4Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 5Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 6Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 7Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 8Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 9Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 10Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 11Page - Kemet Corporation P405QE104M125AH330 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3024_PMR205 • 5/15/2015
8
Film Capacitors
AC Line EMI Suppression and RC Networks – PMR205 Series Metallized Impregnated Paper, 125 VAC/250 VDC
Marking
BACK
FRONT
TOP
Capacitance
Resistance
Voltage
Dielectric Code
Manufacturing
Date Code
Circuit
Diagram
Series
RC Unit
RIFA
Logo
IEC Climatic
Category
Packaging Quantities
Size
Code
Lead
Spacing
(mm)
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short
Leads
Bulk
Long
Leads
Standard
Reel
ø 360 mm
QE
15.2
5.2
10.5
18.5
500
100
600
QM
15.2
7.3
13.0
18.5
400
800
400
QP
15.2
7.8
13.5
18.5
400
800
400
CE
20.3
7.6
14.0
24.0
250
1500
250
CJ
20.3
9.0
15.0
24.0
200
1200
250
CP
20.3
11.3
16.5
24.0
150
1000
180
EE
25.4
10.6
16.1
30.5
150
1000


Similar Part No. - P405QE104M125AH330

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P405 IRF-P405 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P405 VISHAY-P405 Datasheet
122Kb / 6P
   Passivated Assembled Circuit Elements, 40 A
Revision: 05-Nov-09
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
   Pressure Transducer
2/7/18
P4055-100A-E10A SENSATA-P4055-100A-E10A Datasheet
402Kb / 5P
   Pressure Transducer
2/7/18
P4055-100A-E10C SENSATA-P4055-100A-E10C Datasheet
402Kb / 5P
   Pressure Transducer
2/7/18
More results

Similar Description - P405QE104M125AH330

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
PME261KA5100KR30 KEMET-PME261KA5100KR30 Datasheet
1Mb / 13P
   PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com