Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEG130KH4360QL1 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEG130KH4360QL1
Description  Axial Aluminum Electrolytic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEG130KH4360QL1 Datasheet(HTML) 1 Page - Kemet Corporation

  PEG130KH4360QL1 Datasheet HTML 1Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 2Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 3Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 4Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 5Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 6Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 7Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 8Page - Kemet Corporation PEG130KH4360QL1 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4045_PEG130 • 6/8/2016
One world. One KEMET
Benefits
• Next-generation high performance axial series
• Very long operational life (up to 160,000 hours at 80°C)
• Minimal heat generation
• Low ESR electrolyte/paper system
• Available with capacitances as high as 6,300 µF and voltage
options of 25, 40, and 63 VDC
• Polarised all-welded design
• Outstanding electrical performance
Overview
KEMET's PEG130 Series is an electrolytic capacitor with
outstanding electrical performance. This product is constructed in
a polarized, all-welded design with tinned copper wire leads and
the negative pole connected to the case of the capacitor. The
PEG130 winding is housed in a cylindrical aluminum can with a
high purity aluminium lid and a high quality rubber gasket. The
low ESR is a result of a low resistive electrolyte/paper system
and an all-welded design.
Applications
KEMET's PEG130 is a new generation of high performance axial
electrolytic capacitors, designed for applications with very long
service life requirements. The capacitors are especially suitable
for LED/lamp power supplies, automotive and low voltage power
electronic applications.
Axial Aluminum Electrolytic Capacitors
PEG130 Series, 105ºC
Part Number System
PEG130
H
H
436
0
Q
L1
Series
Rated Voltage (VDC)
Size Code
Capacitance Code
(µF)
Version
Capacitance
Tolerance
Packaging
Axial Aluminum
Electrolytic
H = 25
K = 40
M = 63
See Dimension
Table
The last two
digits represent
significant figures.
The first digit
indicates the total
number digits.
0 = Standard
Q = -10 +30%
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - PEG130KH4360QL1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEG130KH4360QE4 KEMET-PEG130KH4360QE4 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
More results

Similar Description - PEG130KH4360QL1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG228 KEMET-PEG228 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
   AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Cornell Dubilier Electr...
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com