Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZN449D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZN449D
Description  8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN449D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZN449D Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 9Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 10Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 11Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 12Page - List of Unclassifed Manufacturers ZN449D Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ZN448/9
9
REFERENCE
(a) Internal reference
The internal reference is an active bandgap circuit which is
equivalent to a 2.5V Zener diode with a very low slope
impedance (Fig.11). A Resistor (R
REF) should be connected
between pins 8 and 10.
The recommended value of 390
Ω will supply a nominal
reference current of (5 - 2.5)/0.39=6.4mA.
A stabilising/
decoupling capacitor, C
REF (4µ7), is required between pins 8
and 9. For internal reference operation V
REF OUT (pin 8) is
connected to V
REF IN (pin 7).
UP to five ZN448/9's may be driven from one internal
reference, there being no need to reduce R
REF.
This useful
feature saves power and gives excellent gain tracking
between the converters.
Alternatively the internal reference can be used as the
reference voltage for other external circuits and can source or
sink up to 3mA.
(b) External reference
If required an external reference in the range +1.5 to +3.0V
may be connected to V
REF IN.
The slope resistance of such a
reference source should be less than 2.5
Ω, where n is the
n
number of converters supplied.
GROUND
(PIN 9)
CREF
(0.47µ)
RREF
(390)
VREFOUT
(PIN 8)
VCC +5V
(PIN 10)
Fig.11 Internal voltage reference
RATIOMETRIC OPERATION
If the output from a transducer varies with its supply then an
external reference for the ZN4448/9 should be derived from
the same supply. The external reference can vary from +1.5
to +3.0V. The ZN448/9 will operate if V
REF IN is less than +1.5V
but reduced overdrive to the comparator will increase its delay
and so the conversion time will need to be increased.
COMPARATOR
The ZN448/9 contains a fast comparator, the equivalent input
circuit of which is shown in Fig.12. A negative supply voltage
is required to supply the tail current of the comparator.
However as this is only 25 to 150
µA and need not be well
stabilised it can be supplied by a simple diode pump circuit
driven from the
BUSY output.


Similar Part No. - ZN449D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
   PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ZN414 ETC-ZN414 Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
More results

Similar Description - ZN449D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
List of Unclassifed Man...
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com