Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1211 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1211
Description  High efficiency auto-up/down DC/DC converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1211 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1211 Datasheet HTML 1Page - NXP Semiconductors TEA1211 Datasheet HTML 2Page - NXP Semiconductors TEA1211 Datasheet HTML 3Page - NXP Semiconductors TEA1211 Datasheet HTML 4Page - NXP Semiconductors TEA1211 Datasheet HTML 5Page - NXP Semiconductors TEA1211 Datasheet HTML 6Page - NXP Semiconductors TEA1211 Datasheet HTML 7Page - NXP Semiconductors TEA1211 Datasheet HTML 8Page - NXP Semiconductors TEA1211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2003 Oct 13
5
Philips Semiconductors
Preliminary specification
High efficiency auto-up/down
DC/DC converter
TEA1211HN
handbook, halfpage
n.c.
n.c.
GND
GND
LXA
LXA
IN
LXA
MDB002
GND
n.c.
GND
n.c.
LXB
LXB
OUT
LXB
2
1
3
4
5
6
7
8
24
23
21
22
20
19
18
17
TEA1211HN
Fig.2 Pin configuration.
This diagram is a bottom side view.
Pin 1 is indicated with a dot on the top side of the package.
For mechanical details of HVQFN32 package, see Chapter 12.
7
FUNCTIONAL DESCRIPTION
7.1
Introduction
The TEA1211HN is able to operate in Pulse Frequency
Modulation (PFM) or discontinuous conduction mode as
well as in Pulse Width Modulation (PWM) or continuous
conduction mode. All switching actions are completely
determined by a digital control circuit which uses the
output voltage level as control input. This digital approach
enables the use of a new pulse width and frequency
modulation scheme, which ensures optimum power
efficiency over the complete range of operation of the
converter.
7.2
Control mechanism
Depending on load current Iload and VIN to VOUT ratio, the
controller chooses a mode of operation. When high output
power is requested, the device will operate in PWM
(continuous conduction) mode, which is a 2-phase cycle in
up- as well as in down mode. For small load currents the
controller will switch over to PFM (discontinuous mode),
which is either a 3- or 4-phase cycle depending on the
input to output ratio, see Fig.3.
handbook, halfpage
MDB003
0
PWM
Icoil
PFM
VIN > VOUT
down mode
VIN = VOUT
stationary mode
VIN < VOUT
up mode
Fig.3
Waveform of coil current as function of Iload
and VIN to VOUT ratio.


Similar Part No. - TEA1211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1210 PHILIPS-TEA1210 Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results

Similar Description - TEA1211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625A MAXIM-MAX8625A_09 Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
MAX8625A_0812 MAXIM-MAX8625A_0812 Datasheet
488Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 3; 12/08
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com