Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T55V227M010C0018 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T55V227M010C0018
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55V227M010C0018 Datasheet(HTML) 4 Page - Vishay Siliconix

  T55V227M010C0018 Datasheet HTML 1Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 2Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 3Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 4Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 5Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 6Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 7Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 8Page - Vishay Siliconix T55V227M010C0018 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
4
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
)
MAX. RIPPLE, AT 45 °C
100 kHz IRMS
(A)
2.5 VDC AT +105 °C
22
A
T55A226M2R5C0200
5.5
10
200
0.75
22
A
T55A226M2R5C0180
5.5
10
180
0.79
33
A
T55A336M2R5C0200
8.2
10
200
0.75
33
A
T55A336M2R5C0180
8.2
10
180
0.79
47
A
T55A476M2R5C0200
11.7
10
200
0.75
47
A
T55A476M2R5C0180
11.7
10
180
0.79
68
A
T55A686M2R5C0250
17.0
10
250
0.67
68
A
T55A686M2R5C0200
17.0
10
200
0.75
68
B
T55B686M2R5C0070
17.0
8
70
1.36
100
A
T55A107M2R5C0200
25.0
10
200
0.75
100
A
T55A107M2R5C0100
25.0
10
100
1.07
100
T
T55T107M2R5C0070
25.0
10
70
1.22
100
B
T55B107M2R5C0070
25.0
8
70
1.36
100
B
T55B107M2R5C0055
25.0
8
55
1.53
150
B
T55B157M2R5C0070
37.5
8
70
1.36
150
B
T55B157M2R5C0055
37.5
8
55
1.53
220
B
T55B227M2R5C0070
55.0
8
70
1.36
220
B
T55B227M2R5C0055
55.0
8
55
1.53
220
B
T55B227M2R5C0045
55.0
8
45
1.69
220
B
T55B227M2R5C0035
55.0
8
35
1.93
220
B
T55B227M2R5C0030
55.0
8
30
2.08
220
V
T55V227M2R5C0025
55.0
10
25
2.73
220
V (1)
T55V227M2R5C0018
55.0
10
18
3.22
220
V (1)
T55V227M2R5C0015
55.0
10
15
3.53
330
B
T55B337M2R5C0070
82.5
8
70
1.36
330
B
T55B337M2R5C0045
82.5
8
45
1.70
330
B
T55B337M2R5C0035
82.5
8
35
1.93
330
B
T55B337M2R5C0025
82.5
8
25
2.28
330
V
T55V337M2R5C0040
82.5
10
40
2.16
330
V
T55V337M2R5C0025
82.5
10
25
2.73
330
V (1)
T55V337M2R5C0018
82.5
10
18
3.22
330
V (1)
T55V337M2R5C0015
82.5
10
15
3.53
470
B
T55B477M2R5C0025
117.5
8
25
2.28
470
D
T55D477M2R5C0050
117.5
10
50
2.12
470
D
T55D477M2R5C0040
117.5
10
40
2.37
470
D
T55D477M2R5C0025
117.5
10
25
3.00
4 VDC AT +105 °C
10
J
T55J106M004C0500
10.0
10
500
0.32
10
P
T55P106M004C0500
5.0
10
500
0.36
10
P
T55P106M004C0300
5.0
10
300
0.46
10
P
T55P106M004C0200
5.0
10
200
0.56
10
A
T55A106M004C0500
4.0
10
500
0.48
10
A
T55A106M004C0200
4.0
10
200
0.76
15
P
T55P156M004C0500
10.0
10
500
0.36
15
P
T55P156M004C0200
10.0
10
200
0.56
15
A
T55A156M004C0500
6.0
10
500
0.48
15
A
T55A156M004C0300
6.0
10
300
0.61
15
A
T55A156M004C0200
6.0
10
200
0.76
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni/Pd/Au, cases T, B, V, D: Ni/Pd/Au.
(1) In development.


Similar Part No. - T55V227M010C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55V227M010C0018 VISHAY-T55V227M010C0018 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55V227M010C0018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com