Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24027DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24027DRCR
Description  SINGLE-CHIP,LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24027DRCR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24027DRCR Datasheet HTML 1Page - Texas Instruments BQ24027DRCR Datasheet HTML 2Page - Texas Instruments BQ24027DRCR Datasheet HTML 3Page - Texas Instruments BQ24027DRCR Datasheet HTML 4Page - Texas Instruments BQ24027DRCR Datasheet HTML 5Page - Texas Instruments BQ24027DRCR Datasheet HTML 6Page - Texas Instruments BQ24027DRCR Datasheet HTML 7Page - Texas Instruments BQ24027DRCR Datasheet HTML 8Page - Texas Instruments BQ24027DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
Different versions of the bqTINY-II offer many additional features. These include a temperature-sensor input for
Dissipation Ratings
ABSOLUTE MAXIMUM RATINGS
(1)
bq24020
,, bq24022,, bq24023
bq24024, bq24025, bq24026
bq24027
SLUS549D – DECEMBER 2002 – REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
detecting hot or cold battery packs, a power-good output (PG) indicating the presence of input power, a
TTL-level charge-enable input (CE) used to disable or enable the charge process, and a TTL-level timer and
taper-detect enable input (TTE) used to disable or enable the fast-charge timer and charge termination.
ORDERING INFORMATION
CHARGE
OPTIONAL
FAST-CHARGE
TAPER
USB TAPER
PART
TJ
REGULATION
MARKINGS
FUNCTIONS(1)
TIMER (Hours)
TIMER
THRESHOLD
NUMBER(2)
VOLTAGE (V)(1)
4.2
CE and TS
5
Yes
10% of ISET1 Level
bq24020DRCR
AZS
4.2
PG and CE
5
Yes
10% of ISET1 Level
bq24022DRCR
AZU
4.2
CE and TTE
5
Yes
10% of ISET1 Level
bq24023DRCR
AZV
– 40°C
4.2
TTE and TS
5
Yes
10% of ISET1 Level
bq24024DRCR
AZW
to
4.2
CE and TS
7
Yes
10% of ISET1 Level
bq24025DRCR
AZX
125°C
10% of selected
4.2
TE and TS
7
No
bq24026DRCR
ANR
USB charge rate
10% of selected
4.2
PG and CE
7
No
bq24027DRCR
ANS
USB charge rate
(1)
The DRC package is available taped and reeled only in quantities of 3,000 devices per reel.
PACKAGE
θ
JA
TA < 40°C POWER RATING
DERATING FACTOR ABOVE TA = 25°C
DRC(1)
46.87 °C/W
1.5 W
0.021 W/°C
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
over operating free-air temperature range (unless otherwise noted)
bq24020, bq24022,
UNIT
bq24023, bq24024
bq24025, bq24026
bq24027
Input voltage(2)
AC, CE, ISET1, ISET2, OUT, PG, STAT1, STAT2, TE, TS, TTE, USB
–0.3 to 7.0
V
Output sink/source current
STAT1, STAT2, PG
15
mA
Output current
TS
200
µA
Output current
OUT
1.5
A
Operating free-air temperature range, TA
–40 to 125
Junction temperature range, TJ
°C
Storage temperature, Tstg
–65 to 150
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to VSS.
2
Submit Documentation Feedback


Similar Part No. - BQ24027DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24027DRCR TI-BQ24027DRCR Datasheet
564Kb / 22P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
BQ24027DRCRG4 TI-BQ24027DRCRG4 Datasheet
564Kb / 22P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
More results

Similar Description - BQ24027DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24020 TI-BQ24020_07 Datasheet
564Kb / 22P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC WITH AUTONOMOUS USB-PORT AND AC-ADAPTER SUPPLY MANAGEMENT (bqTINY-II)
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com