Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCRF200IS08D Datasheet(PDF) 8 Page - Microchip Technology

Part # MCRF200IS08D
Description  125 kHz microID??Passive RFID Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200IS08D Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCRF200IS08D Datasheet HTML 4Page - Microchip Technology MCRF200IS08D Datasheet HTML 5Page - Microchip Technology MCRF200IS08D Datasheet HTML 6Page - Microchip Technology MCRF200IS08D Datasheet HTML 7Page - Microchip Technology MCRF200IS08D Datasheet HTML 8Page - Microchip Technology MCRF200IS08D Datasheet HTML 9Page - Microchip Technology MCRF200IS08D Datasheet HTML 10Page - Microchip Technology MCRF200IS08D Datasheet HTML 11Page - Microchip Technology MCRF200IS08D Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MCRF200
DS21219H-page 8
 2003 Microchip Technology Inc.
3.0
MODES OF OPERATION
The device has two basic modes of operation: Native
mode and Read mode.
3.1
Native Mode
Every unprogrammed blank device (CB12=0) operates
in Native mode, regardless of configuration register
settings:
FCLK/128, FSK, NRZ_L (direct)
Once the user memory is programmed, the lock bit is
set (CB12=1) which causes the MCRF200 to switch
from Native mode to the Communication mode defined
by the configuration register.
Refer to Figure 4-1 for contactless programming
sequence. Also see the microID125 kHz RFID
System Design Guide (DS51115) for more information.
3.2
Read Mode
After the device is programmed (CB12=1), the device
is operated in the Read-only mode. The device
transmits its data according to the protocol in the
configuration register.
FIGURE 3-1:
TYPICAL APPLICATION CIRCUIT
Pad VB
Pad VA
Input capacitance: 2 pF
RF Signal
Data
C
To Reader
amplifier/filter
From
Reader
IAC
L
2.5 mH
648 pF
f
res
1
2
π LC
-------------------
125 kHz
==
125 kHz
MCRF200
LC


Similar Part No. - MCRF200IS08D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/P MICROCHIP-MCRF202-I/P Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/S MICROCHIP-MCRF202-I/S Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SB MICROCHIP-MCRF202-I/SB Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SN MICROCHIP-MCRF202-I/SN Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results

Similar Description - MCRF200IS08D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com