Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1461850150 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1461850150
Description  Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length 150.00mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1461850150 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1461850150 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1461850150
Status:
Active
Overview:
Standard Antennas
Description:
Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length
150.00mm
Documents:
Drawing (PDF)
Application Specification AS-146185-100 (PDF)
Product Specification PS-146185-100 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Antennas
Series
146185
Component Type
Stand Alone Antenna with Cable
Mates With
73412-0110 Microcoaxial RF, 50 Ohm
Overview
Standard Antennas
Product Name
Multi-band Cellular-WiFi
Type
Cellular-Wifi Antenna
UPC
889056549677
Physical
Cable Length
150.00mm
Depth
0.10mm
Length
84.00mm
Mounting Style
Adhesive
Net Weight
0.803/g
Packaging Type
PET Film
Polarization
Linear
Radiation Pattern
Omnidirectional
Width
15.00mm
Electrical
Band#1 F_End (MHz)
960
Band#1 F_Start (MHz)
824
Band#2 F_End (MHz)
2700
Band#2 F_Start (MHz)
1710
Band#3 F_End (MHz)
6000
Band#3 F_Start (MHz)
3000
Electrical Connectivity
Cable
Impedance
50#
Number of Bands
2 - WiFi, 7 - Cellular
Peak Gain (dBi)
1.4 @ 824M, 3.0 @ 1710M, 3.7 @ 3G
Return Loss - S11 (dB)
< -4, < -6
Total Efficiency
>62% @ 824M, >66% @ 3G, >67% @ 1710M
Material Info
Reference - Drawing Numbers
Application Specification
AS-146185-100
Product Specification
PS-146185-100
Sales Drawing
SD-146185-050
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
146185 Series
This document was generated on 05/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1461850150

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1461850150 MOLEX-1461850150_V01 Datasheet
40Kb / 2P
   Cellular Quad-band Flex Antenna, 15.00mm Width, 150.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
More results

Similar Description - 1461850150

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1461850100 MOLEX11-1461850100 Datasheet
50Kb / 1P
   Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length
1461850250 MOLEX11-1461850250 Datasheet
50Kb / 1P
   Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length 250.00mm
1461850050 MOLEX11-1461850050 Datasheet
50Kb / 1P
   Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length 50.00mm
1461850200 MOLEX11-1461850200 Datasheet
50Kb / 1P
   Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length 200.00mm
1461850300 MOLEX11-1461850300 Datasheet
50Kb / 1P
   Multi-band Cellular/WiFi Combo Flex Antenna, 15.00mm Width, Cable Length 300.00mm
1461850050 MOLEX-1461850050_V01 Datasheet
40Kb / 2P
   Cellular Quad-band Flex Antenna, 15.00mm Width, 50.00mm Cable Length, Cellular Quad-band Flex Antenna, 15.00mm Width, 50.00mm Cable Length,
PS-146185-100 MOLEX-PS-146185-100 Datasheet
369Kb / 8P
   MULTI-BAND CELLULAR/WIFI COMBO FLEX ANTENNA
2016-02-03
1461850150 MOLEX-1461850150_V01 Datasheet
40Kb / 2P
   Cellular Quad-band Flex Antenna, 15.00mm Width, 150.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
1461860150 MOLEX11-1461860150 Datasheet
52Kb / 2P
   GPS and WiFi 2.4GHz / 5GHz Combo Flex Antenna, 18.00mm Width, Cable Length 150.00mm
1052630002 MOLEX11-1052630002 Datasheet
29Kb / 1P
   Cellular 6 Band Antenna, 150.00mm Cable Length
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com