Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH827M250AT3 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ELH827M250AT3
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH827M250AT3 Datasheet(HTML) 5 Page - Kemet Corporation

  ELH827M250AT3 Datasheet HTML 1Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 2Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 3Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 4Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 5Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 6Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 7Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 8Page - Kemet Corporation ELH827M250AT3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Table 1 – Ratings & Part Number Reference
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
6.3
8
15000
22 x 25
60
2.44
1.9
ELH159M6R3AQ1(1)
6.3
8
18000
22 x 30
60
2.60
2.3
ELH189M6R3AQ2(1)
6.3
8
18000
25 x 25
60
2.62
2.3
ELH189M6R3AR1(1)
6.3
8
22000
22 x 30
60
3.06
2.8
ELH229M6R3AQ2(1)
6.3
8
22000
25 x 25
60
3.07
2.8
ELH229M6R3AR1(1)
6.3
8
27000
22 x 35
60
3.49
3.0
ELH279M6R3AQ3(1)
6.3
8
27000
25 x 30
60
3.52
3.0
ELH279M6R3AR2(1)
6.3
8
27000
30 x 25
60
3.57
3.0
ELH279M6R3AS1(1)
6.3
8
33000
22 x 40
60
3.97
3.0
ELH339M6R3AQ4(1)
6.3
8
33000
25 x 35
60
4.02
3.0
ELH339M6R3AR3(1)
6.3
8
33000
30 x 30
60
4.05
3.0
ELH339M6R3AS2(1)
6.3
8
33000
35 x 25
60
4.10
3.0
ELH339M6R3AT1(1)
6.3
8
39000
22 x 50
60
4.56
3.0
ELH399M6R3AQ6(1)
6.3
8
39000
25 x 40
60
4.50
3.0
ELH399M6R3AR4(1)
6.3
8
39000
30 x 30
60
4.46
3.0
ELH399M6R3AS2(1)
6.3
8
39000
35 x 25
60
4.51
3.0
ELH399M6R3AT1(1)
6.3
8
47000
25 x 45
60
5.09
3.0
ELH479M6R3AR5(1)
6.3
8
47000
30 x 35
60
5.06
3.0
ELH479M6R3AS3(1)
6.3
8
47000
35 x 30
60
5.03
3.0
ELH479M6R3AT2(1)
6.3
8
56000
25 x 50
60
5.71
3.0
ELH569M6R3AR6(1)
6.3
8
56000
30 x 40
60
5.70
3.0
ELH569M6R3AS4(1)
6.3
8
56000
35 x 30
60
5.75
3.0
ELH569M6R3AT2(1)
6.3
8
68000
30 x 45
60
6.48
3.0
ELH689M6R3AS5(1)
6.3
8
68000
35 x 35
60
6.42
3.0
ELH689M6R3AT3(1)
6.3
8
82000
30 x 50
60
7.32
3.0
ELH829M6R3AS6(1)
6.3
8
82000
35 x 40
60
7.29
3.0
ELH829M6R3AT4(1)
6.3
8
100000
35 x 45
60
8.31
3.0
ELH10KM6R3AT5(1)
6.3
8
120000
35 x 50
60
8.60
3.0
ELH12KM6R3AT6(1)
10
13
12000
22 x 25
55
2.40
2.4
ELH129M010AQ1(1)
10
13
15000
22 x 30
55
2.75
3.0
ELH159M010AQ2(1)
10
13
15000
25 x 25
55
2.75
3.0
ELH159M010AR1(1)
10
13
18000
22 x 35
55
3.15
3.0
ELH189M010AQ3(1)
10
13
18000
25 x 25
55
3.05
3.0
ELH189M010AR1(1)
10
13
22000
22 x 40
55
3.55
3.0
ELH229M010AQ4(1)
10
13
22000
25 x 30
55
3.50
3.0
ELH229M010AR2(1)
10
13
22000
30 x 25
55
3.55
3.0
ELH229M010AS1(1)
10
13
27000
22 x 45
55
4.05
3.0
ELH279M010AQ5(1)
10
13
27000
25 x 35
55
4.00
3.0
ELH279M010AR3(1)
10
13
27000
30 x 30
55
4.05
3.0
ELH279M010AS2(1)
10
13
33000
22 x 50
55
4.60
3.0
ELH339M010AQ6(1)
10
13
33000
25 x 40
55
4.55
3.0
ELH339M010AR4(1)
10
13
33000
30 x 30
55
4.50
3.0
ELH339M010AS2(1)
10
13
33000
35 x 25
55
4.50
3.0
ELH339M010AT1(1)
10
13
39000
25 x 45
55
5.10
3.0
ELH399M010AR5(1)
10
13
39000
30 x 35
55
5.05
3.0
ELH399M010AS3(1)
10
13
39000
35 x 30
55
5.05
3.0
ELH399M010AT2(1)
10
13
47000
25 x 50
55
5.75
3.0
ELH479M010AR6(1)
10
13
47000
30 x 40
55
5.70
3.0
ELH479M010AS4(1)
10
13
47000
35 x 30
55
5.65
3.0
ELH479M010AT2(1)
10
13
56000
30 x 45
55
6.45
3.0
ELH569M010AS5(1)
10
13
56000
35 x 35
55
6.40
3.0
ELH569M010AT3(1)
10
13
68000
30 x 50
55
7.05
3.0
ELH689M010AS6(1)
10
13
68000
35 x 40
55
7.10
3.0
ELH689M010AT4(1)
10
13
82000
35 x 50
55
7.50
3.0
ELH829M010AT6(1)
16
20
8200
22 x 25
55
2.60
2.6
ELH828M016AQ1(1)
16
20
10000
22 x 30
55
2.70
3.0
ELH109M016AQ2(1)
16
20
10000
25 x 25
55
2.75
3.0
ELH109M016AR1(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number


Similar Part No. - ELH827M250AT3

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH883B ELANTEC-ELH883B Datasheet
190Kb / 8P
   Current Amplifier
ELH883B ELANTEC-ELH883B Datasheet
326Kb / 16P
   Power Operational Amplifier
More results

Similar Description - ELH827M250AT3

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com