Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4610N Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610N
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610N Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4610N Datasheet HTML 3Page - National Semiconductor (TI) LM4610N Datasheet HTML 4Page - National Semiconductor (TI) LM4610N Datasheet HTML 5Page - National Semiconductor (TI) LM4610N Datasheet HTML 6Page - National Semiconductor (TI) LM4610N Datasheet HTML 7Page - National Semiconductor (TI) LM4610N Datasheet HTML 8Page - National Semiconductor (TI) LM4610N Datasheet HTML 9Page - National Semiconductor (TI) LM4610N Datasheet HTML 10Page - National Semiconductor (TI) LM4610N Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Applications Information (Continued)
DC CONTROL OF NATIONAL 3D-SOUND AND
LOUDNESS CONTROL
Figure
Figure 16 shows a possible circuit if electronic control
of these functions is required. The typical DC level at pins 3
and 22 is 7.5V (V
CC=12), with the input signal superim-
posed, and this can be used to gias a FET switch as shown
to save components. For switching with a 0V - 5V signal a
low-threshold FET is required when using a 12V supply.
With larger switching levels this is less critical.
The high impedance PNP base input of the loudness control
pin 9 is readily switched with a general purpose NPN
transistor.
DS101125-37
FIGURE 16. Application Circuit with Electronic Switching
www.national.com
9


Similar Part No. - LM4610N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
More results

Similar Description - LM4610N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com