Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDDFN-6-0504P Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDDFN-6-0504P
Description  TVS/Steering Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN-6-0504P Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDDFN-6-0504P Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN-6-0504P Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDDFN6-0504P - TVS/Steering Diode Array
Product Dimensions
Pin Out
This is a molded DFN6 package with lead free Nickel-Paladium-
Gold (Ni/Pd/Au) on the lead frame. It has a flammability rating of
UL 94V-0.
Recommended Footprint
How to Order
CD DFN-6 - 05 04P
Common Diode
Chip Diode
Package
DFN-6 = DFN-6 Package
Working Peak Reverse Voltage
05 = 5 VRWM (Volts)
Number of Lines
04P = 4 Data Lines
Typical Part Marking
CDDFN6-0504P ............................................................................54
DIMENSIONS:
MM
(INCHES)
Pin
Function
1
I/O
2
GND
3
I/O
4
I/O
5VCC
6
I/O
Center Tab
GND
1.1 ± 0.05
(0.043 ± 0.002)
0.203 ± 0.05
(0.008 ± 0.002)
0.6 ± 0.05
(0.024 ± 0.002)
0.25 ± 0.05
(.010 ± .002)
5 PLCS.
0.25 ± 0.05
(.010 ± .002)
5 PLCS.
0.50 ± 0.05
(0.020 ± 0.002)
1.60 ± 0.05
(0.063 ± 0.002)
PIN 1
INDICATOR
(LASER MARK)
DATE CODE
54
XX
1.60 ± 0.05
(0.063 ± 0.002)
0.55 ± 0.05
(0.022 ± 0.002)
1.30
(.051)
0.45
(.018)
1.52
(.060)
2.15
(.085)
0.89
(.035)
0.63
(.025)
0.50
(.020)
0.35
(.014)
Typical Application
DATA LINE
16
25
34
TO
I/O-PORT
CONNECTOR
TO
PROTECTED
IC
*OPTIONAL
0.1
µF
CHIP CAP.
I/O 1
I/O 1
I/O 2
I/O 2
TO
I/O-PORT
CONNECTOR
TO
PROTECTED
IC
I/O 3
I/O 3
I/O 4
I/O 4
DATA LINE
GND RAIL
VDD RAIL
DATA LINE
DATA LINE


Similar Part No. - CDDFN-6-0504P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
670Kb / 1P
   USB 3.0 - ESD & Overcurrent Protection
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
More results

Similar Description - CDDFN-6-0504P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com