Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4937S Datasheet(PDF) 8 Page - Leshan Radio Company

Part # 1N4937S
Description  Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937S Datasheet(HTML) 8 Page - Leshan Radio Company

  1N4937S Datasheet HTML 1Page - Leshan Radio Company 1N4937S Datasheet HTML 2Page - Leshan Radio Company 1N4937S Datasheet HTML 3Page - Leshan Radio Company 1N4937S Datasheet HTML 4Page - Leshan Radio Company 1N4937S Datasheet HTML 5Page - Leshan Radio Company 1N4937S Datasheet HTML 6Page - Leshan Radio Company 1N4937S Datasheet HTML 7Page - Leshan Radio Company 1N4937S Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4. Update Record
版次
1
2
更新记录
更新日期
周杰
2010-3-23
更新作者
1N4933S thru 1N4937S
增加包装规范
周杰
2014-6-16
第一版


Similar Part No. - 1N4937S

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4937S SEMTECH_ELEC-1N4937S Datasheet
151Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4937S FRONTIER-1N4937S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4937S LRC-1N4937S_15 Datasheet
238Kb / 8P
   Fast Switching Rectifiers
More results

Similar Description - 1N4937S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
1E1 LRC-1E1 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com