Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V124SA20Y Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V124SA20Y
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V124SA20Y Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT71V124SA20Y Datasheet HTML 1Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 2Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 3Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 4Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 5Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 6Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 7Page - Integrated Device Technology IDT71V124SA20Y Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.42
IDT71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
7
Ordering Information
SA
Power
XX
Speed
X
Package
TY
Y
PH
300-mil SOJ (SO32-2)
400-mil SOJ (SO32-3)
TSOP Type II (SO32-4)
10*
12
15
20
Device
Type
IDT
Speed in nanoseconds
3873 drw 09
71V124
** 400-mil SOJ (SO32-3) package only offered in
10ns and 12ns speed grades
.
* Commercial temperature range only.
X
Process/
Temperature
Range
Blank
I
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)


Similar Part No. - IDT71V124SA20Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71V124SA-PH ETC2-IDT71V124SA-PH Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-PH ATMEL-IDT71V124SA-PH Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-TY ETC2-IDT71V124SA-TY Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-TY ATMEL-IDT71V124SA-TY Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-Y ETC2-IDT71V124SA-Y Datasheet
704Kb / 17P
   STK503 User Guide
More results

Similar Description - IDT71V124SA20Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com