Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAF207 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # FMAF207
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FMAF207 Datasheet(HTML) 3 Page - Leshan Radio Company

  FMAF207 Datasheet HTML 1Page - Leshan Radio Company FMAF207 Datasheet HTML 2Page - Leshan Radio Company FMAF207 Datasheet HTML 3Page - Leshan Radio Company FMAF207 Datasheet HTML 4Page - Leshan Radio Company FMAF207 Datasheet HTML 5Page - Leshan Radio Company FMAF207 Datasheet HTML 6Page - Leshan Radio Company FMAF207 Datasheet HTML 7Page - Leshan Radio Company FMAF207 Datasheet HTML 8Page - Leshan Radio Company FMAF207 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
Suggested solder pad layout
FMAF201 thru FMAF207
MIN
MAX
MIN
MAX
A
4.4
4.8
0.173
0.189
B
1.3
1.5
0.051
0.059
C
3.3
3.7
0.130
0.146
D
2.3
2.7
0.091
0.106
E
H
0.9
1.2
0.036
0.047
J
0.11
0.21
0.005
0.009
INCHES
0.90Typ
0.035Typ
DIM
MILLIMETERS
SMA-FL
SMA-FL


Similar Part No. - FMAF207

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FMAF401 LRC-FMAF401 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF402 LRC-FMAF402 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF403 LRC-FMAF403 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF404 LRC-FMAF404 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF405 LRC-FMAF405 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results

Similar Description - FMAF207

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FFM201 LRC-FFM201 Datasheet
172Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com