Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAF401 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FMAF401
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FMAF401 Datasheet(HTML) 1 Page - Leshan Radio Company

  FMAF401 Datasheet HTML 1Page - Leshan Radio Company FMAF401 Datasheet HTML 2Page - Leshan Radio Company FMAF401 Datasheet HTML 3Page - Leshan Radio Company FMAF401 Datasheet HTML 4Page - Leshan Radio Company FMAF401 Datasheet HTML 5Page - Leshan Radio Company FMAF401 Datasheet HTML 6Page - Leshan Radio Company FMAF401 Datasheet HTML 7Page - Leshan Radio Company FMAF401 Datasheet HTML 8Page - Leshan Radio Company FMAF401 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case
: JEDEC SMA-FL, molded plastic over glass DIE
We declare that the material of product is
Terminals
: Plated leads, solderable per
Haloggen free (green epoxy compound)
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0327g
Handling precautin
:None
Electrical Characteristic
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FMAF
401
FMAF
402
FMAF
403
FMAF
404
FMAF
405
FMAF
406
FMAF
407
Unit
Device marking code
M01
M02
M03
M04
M05
M06
M07
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RSM voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
lead length at Tc = 75°C(Note 1)
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note1)
RθJA
RθJC
°C/W
Operating junction temperature range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FMAF
401
FMAF
402
FMAF
403
FMAF
404
FMAF
405
FMAF
406
FMAF
407
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TJ= 25°C
at rated DC blocking voltage TJ = 125°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz (Note 1)
CJ
PF
NOTES:
1. 8.0mm
2 (.013mm thick) land areas
FMAF401 thru FMAF407
Surface Mount Glass Passivated Junction Rectifiers
Reverse Voltage 50 to 1000V Forward Current 1.0A
–65 to +175
1.1
5.0
100
15.0
1.0
30
150
25
–55 to +150


Similar Part No. - FMAF401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FMAF201 LRC-FMAF201 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF202 LRC-FMAF202 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF203 LRC-FMAF203 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF204 LRC-FMAF204 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF205 LRC-FMAF205 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results

Similar Description - FMAF401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8G LRC-1H8G Datasheet
423Kb / 7P
   Glass Passivated Junction High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2A LRC-S2A Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com