Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8832ACP Datasheet(PDF) 8 Page - Analog Devices

Part # ADM8832ACP
Description  Charge Pump Regulator for Color TFT Panel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8832ACP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM8832ACP Datasheet HTML 4Page - Analog Devices ADM8832ACP Datasheet HTML 5Page - Analog Devices ADM8832ACP Datasheet HTML 6Page - Analog Devices ADM8832ACP Datasheet HTML 7Page - Analog Devices ADM8832ACP Datasheet HTML 8Page - Analog Devices ADM8832ACP Datasheet HTML 9Page - Analog Devices ADM8832ACP Datasheet HTML 10Page - Analog Devices ADM8832ACP Datasheet HTML 11Page - Analog Devices ADM8832ACP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM8832
Rev. A | Page 8 of 12
VCC (V)
3.6
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
5.30
5.25
5.20
5.15
5.10
5.05
4.90
5.00
4.95
DEVICE 1 @ –40°C
DEVICE 1 @ +25°C
DEVICE 1 @ +85°C
Figure 9. LDO Variation over Supply and Temperature
VCC (V)
3.6
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
300
250
200
150
100
50
0
ICC (BLANK)
ICC (SCAN)
Figure 10. Supply Current vs. Voltage
CH1 20.0mV
CH3 50.0mV
CH2 100mV
M20.0
µs CH1
–2.8mV
3
T
T
T
1
2
TEK STOP: 2.50MS/s
T
[]
23 ACQS
5V OUTPUT RIPPLE
VOUT
VCC RIPPLE
Figure 11. Output Ripple on LDO (5 V Output)
T
T
CH1 20.0mV
CH2
2.00V
M5.00
µs CH2
1.20V
1
2
TEK STOP: SINGLE SEQ
T
[]
10.0MS/s
LOAD ENABLE
5V OUTPUT
Figure 12. 5 V Output Transient Response for Max load Current
T
T
CH1 20.0mV
CH2
2.00V
M5.00
µs CH2
1.20V
1
2
TEK STOP: SINGLE SEQ
T
[]
10.0MS/s
LOAD DISABLE
5V OUTPUT
Figure 13. 5 V Output Transient Response, Load Disconnected
T
T
T
CH1
5.00V
CH3
5.00V
CH2
5.00V
M10.0ms CH2
1.3V
2
1
TEK STOP: SINGLE SEQ
T
[]
5.00KS/s
+15V OUTPUT
–10V OUTPUT
5VOUT
Figure 14. +15 V and
−10 V Outputs at Power-Up


Similar Part No. - ADM8832ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
More results

Similar Description - ADM8832ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
   Charge Pump Regulator & COM Driver for Color TFT Panel
REV. PrG 2/03
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
   Charge Pump Regulator for Color TFT Panels
REV. A
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com