Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNXDF4612 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNXDF4612
Description  D CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNXDF4612 Datasheet(HTML) 1 Page - Visual Communications Company

  CNXDF4612 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
OPTOELECTRONICS
REVISED PER ECR 111009AZ01
APPROVAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
001
FOR PANEL THICKNESS .150" (3.81mm) - .220" (5.588mm) NO SPACER REQUIRED
0.01" (6.985mm
A WHOLE WITHOUT THE WRITTEN
TITLE:
FOR CML 325 OR CML 327 - .275"
COMPANY, INC IS PROHIBITED.
DRAWN
CHECKED
B
REVISIONS
11/26/10
REV
SCALE: 1.75:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
FOR PANEL THICKNESS .105" (2.667mm) - .125" (3.175mm) USE 1 SPC 060 SPACER
COMMUNICATIONS
INITIALS
0.254mm)
.01" (8.89mm
FOR PANEL THICKNESS .060" (1.524mm) - .100" (2.54mm) USE 2 SPC 060 SPACERS
5.
LED LEAD LENGTH: FOR CMC 285 - .350"
1
PERMISSION OF VISUAL
THE INFORMATION CONTAINED
0.254)
IN THIS DRAWING IS THE SOLE
CNX D CABLE
PROPERTY OF VISUAL
ASSEMBLY
COMMUNICATIONS COMPANY, INC.
PROPRIETARY AND CONFIDENTIAL
SEE NOTES
SEE NOTES
11/29/10
6.
U.S. & FOREIGN PATENT ISSUED AND PENDING
DPZ
ANY REPRODUCTION IN PART OR AS
K.Howard
11/26/10
DWG. NO.
CNX D ASSY
001
NOTES:
ROHS COMPLIANT
1.
MATERIAL:
2.
PANEL CONNECTOR SOCKET - POLYPROPYLENE, UL RATING 94-HB
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
TERMINALS - PHOSPHOR BRONZE, TIN PLATE
WIRE - 24 AWG 1007/ 1569
3.
MOUNTING: HOLE SIZE - 9/32" (7.14mm)
4.
PANEL THICKNESS: .030" ( .762mm) MIN - .220" (5.588mm) MAX
USING CMC 285:
FOR PANEL THICKNESS .030" (.762mm) - .045" (1.143mm) USE 2 SPC 060 SPACERS
FOR PANEL THICKNESS .050" (1.27mm) - .100" (2.54mm) USE 1 SPC 060 SPACER
FOR PANEL THICKNESS .105" (2.67mm) - .125" (3.175mm) NO SPACER REQUIRED
USING CML 325 OR CML 327:
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
KH
ANODE (+) WHITE LEAD
CATHODE (-) BLACK LEAD
1
2
3
ANODE (+) RED LEAD
XX.XX
.690
17.53mm
OPTIONS
CMC 285
FOR ADDITIONAL
CNX D
CABLE ORDERING CODE EXAMPLE:
CML 325
(ORDER SEPARATELY)
SPC 060
CML 327
LENS/PANEL MOUNT
5MM LED
* CALL FACTORY
F
LED / SPACER
(ORDER SEPARATELY)
2
X =
24 AWG
WIRE COLOR*
24
4
3
WIRE SIZE *
WHITE - BLACK - RED
TERMINATION *
12
W3
W2
W1
6
6
1
STRIPPED END
F =
SINGLE ROW LOCKING HEADER
WIRE LENGTH *
04
4 INCHES (101.6mm)
06
6 INCHES (152.4mm)
08
8 INCHES (203.2mm)
12
12 INCHES (304.8mm)
18
18 INCHES (457.2mm)
24
24 INCHES (609.6mm)


Similar Part No. - CNXDF4612

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-310 VCC-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-410 MARL-CNX-410 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
More results

Similar Description - CNXDF4612

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DFF15LPXX-III-R ASSMANN-A-DFF15LPXX-III-R Datasheet
51Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF37LPXX-III-R ASSMANN-A-DFF37LPXX-III-R Datasheet
51Kb / 1P
   FALT RIBBON CABLE D-SUB ASSEMBLY
logo
List of Unclassifed Man...
49911A ETC2-49911A Datasheet
98Kb / 3P
   Molded Cable Assemblies - D-Subminiature Assembly
logo
Assmann Electronics Inc...
A-DFF25LPXX-III-R ASSMANN-A-DFF25LPXX-III-R Datasheet
52Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF37LPIII-FP-R ASSMANN-A-DFF37LPIII-FP-R Datasheet
51Kb / 1P
   D-SUB FLAT RIBBON CABLE ASSEMBLY
A-DSF25LPXX-III-R ASSMANN-A-DSF25LPXX-III-R Datasheet
52Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DFF09LPXX-III-R ASSMANN-A-DFF09LPXX-III-R Datasheet
52Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF09LPXX-III-R ASSMANN-A-DSF09LPXX-III-R Datasheet
52Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
A-DSF37LPXX-III-R ASSMANN-A-DSF37LPXX-III-R Datasheet
52Kb / 1P
   FLAT RIBBON CABLE D-SUB ASSEMBLY
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com