Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8512ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8512ARZ
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8512ARZ Datasheet HTML 1Page - Analog Devices AD8512ARZ Datasheet HTML 2Page - Analog Devices AD8512ARZ Datasheet HTML 3Page - Analog Devices AD8512ARZ Datasheet HTML 4Page - Analog Devices AD8512ARZ Datasheet HTML 5Page - Analog Devices AD8512ARZ Datasheet HTML 6Page - Analog Devices AD8512ARZ Datasheet HTML 7Page - Analog Devices AD8512ARZ Datasheet HTML 8Page - Analog Devices AD8512ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, Very Low Noise, Low Input Bias Current,
Wide Bandwidth JFET Operational Amplifiers
AD8510/AD8512/AD8513
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast settling time: 500 ns to 0.1%
Low offset voltage: 400 µV max
Low TCVOS: 1 µV/°C typ
Low input bias current: 25 pA typ
Dual-supply operation: ±5 V to ±15 V
Low noise: 8 nV/√Hz
Low distortion: 0.0005%
No phase reversal
Unity gain stable
APPLICATIONS
Instrumentation
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio
PIN CONFIGURATIONS
AD8512
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
TOP VIEW
(Not to Scale)
4
8
5
AD8512
TOP VIEW
(Not to Scale)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
Figure 1. 8-Lead MSOP (RM Suffix)
Figure 2. 8-Lead SOIC (R Suffix)
AD8510
TOP VIEW
(Not to Scale)
NC
–IN
+IN
V–
NC
V+
OUT
NC
AD8510
TOP VIEW
(Not to Scale)
NC
–IN
+IN
V–
NC
V+
OUT
NC
Figure 3. 8-Lead MSOP (RM Suffix)
Figure 4. 8-Lead SOIC (R Suffix)
AD8513
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V+
4
+IN B
5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B
6
OUT B
7
–IN C
OUT C
9
8
AD8513
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
+IN A
V+
+IN B
OUT D
–IN D
+IN D
V–
+IN C
14
–IN B
OUT B
7
–IN C
OUT C
8
Figure 5. 14-Lead SOIC (R Suffix)
Figure 6. 14-Lead TSSOP (RU Suffix)
GENERAL DESCRIPTION
The AD8510, AD8512, AD8513 are single-, dual-, and quad-
precision JFET amplifiers that feature low offset voltage, input
bias current, input voltage noise, and input current noise.
The combination of low offsets, low noise, and very low input
bias currents makes these amplifiers especially suitable for high
impedance sensor amplification and precise current measure-
ments using shunts. The combination of dc precision, low noise,
and fast settling time results in superior accuracy in medical
instruments, electronic measurement, and automated test
equipment. Unlike many competitive amplifiers, the AD8510/
AD8512/AD8513 maintain their fast settling performance even
with substantial capacitive loads. Unlike many older JFET
amplifiers, the AD8510/AD8512/ AD8513 do not suffer from
output phase reversal when input voltages exceed the maximum
common-mode voltage range.
Fast slew rate and great stability with capacitive loads make the
AD8510/AD8512/AD8513 a perfect fit for high performance
filters. Low input bias currents, low offset, and low noise result
in a wide dynamic range of photodiode amplifier circuits. Low
noise and distortion, high output current, and excellent speed
make the AD8510/AD8512/AD8513 a great choice for audio
applications.
The AD8510/AD8512 are both available in 8-lead narrow SOIC
and 8-lead MSOP packages. MSOP packaged parts are only
available in tape and reel. The AD8513 is available in 14-lead
SOIC and TSSOP packages.
The AD8510/AD8512/AD8513 are specified over the –40°C to
+125°C extended industrial temperature range.


Similar Part No. - AD8512ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8512ARZ AD-AD8512ARZ Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8512ARZ AD-AD8512ARZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARZ-REEL AD-AD8512ARZ-REEL Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8512ARZ-REEL AD-AD8512ARZ-REEL Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARZ-REEL7 AD-AD8512ARZ-REEL7 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results

Similar Description - AD8512ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com