Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD06 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD06
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD06 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD06 Datasheet HTML 4Page - Texas Instruments SN65HVD06 Datasheet HTML 5Page - Texas Instruments SN65HVD06 Datasheet HTML 6Page - Texas Instruments SN65HVD06 Datasheet HTML 7Page - Texas Instruments SN65HVD06 Datasheet HTML 8Page - Texas Instruments SN65HVD06 Datasheet HTML 9Page - Texas Instruments SN65HVD06 Datasheet HTML 10Page - Texas Instruments SN65HVD06 Datasheet HTML 11Page - Texas Instruments SN65HVD06 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN65HVD05,SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
SLLS533B – MAY 2002 – REVISED MAY 2003
www.ti.com
8
Input
Generator
50
3 V
VO
S1
1.5 V
1.5 V
tPLZ
2.3 V
0.5 V
≈ 3 V
0 V
VOL
VI
VO
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
RL = 110 Ω
± 1%
CL = 50 pF ±20%
CL Includes Fixture
andInstrumentation
Capacitance
D
A
B
DE
VI
tPZL(1 & 2)
VCC
VCC
Figure 6. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
VID
VA
VB
IO
A
B
IB
VO
R
IA
VIC
VA + VB
2
Figure 7. Receiver Voltage and Current Definitions
Input
Generator
50
Generator: PRR = 100 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
1.5 V
0 V
1.5 V
1.5 V
3 V
VOH
VOL
1.5 V
10%
1.5 V
tPLH
tPHL
tr
tf
90%
VI
VO
CL = 15 pF ±20%
CL Includes Fixture
andInstrumentation
Capacitance
A
B
RE
VI
R
0 V
90%
10%
Figure 8. Receiver Switching Test Circuit and Voltage Waveforms


Similar Part No. - SN65HVD06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD06 TI-SN65HVD06 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD06D TI-SN65HVD06D Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD06DG4 TI-SN65HVD06DG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD06DR TI-SN65HVD06DR Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD06DRG4 TI-SN65HVD06DRG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com