Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESCA-5001 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ESCA-5001
Description  5W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-5001 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ESCA-5001 Datasheet HTML 1Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 2Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 3Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 4Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUTSPECIFICATIONS
Input Voltage Range
90-264 VAC (100-240VAC nom.)
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@115V, 40A@230V Input *
Leakage Current
<3.5mA@264Vac,50Hz
OUTPUTSPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (Note7)
Single/Duals ± 3%,
Triple: 0.5 / ± 0.5% (max)
Line Regulation (Note 8)
Single 0.1~1%, typ
Duals ± 0.3~1%, typ
Triple: 0.6 / ± 0.2% (max)
Cross Regulation (Note 11)
Duals 2%
Triple NA / ± 0.1%
Preset Accuracy (Note 9)
Single ±1%
Duals: ±1.5%
Triples: 1% /±5%
Temperature Coefficient
±0.03%/°C
Ripple/Noise (Note 1, 2, 10)
See Selection Chart
Over Voltage Protection
Clamp *
Short Circuit Protection (Note 3) Continuous, self-recovering *
Hold Up Time
30 mS, typ (Nom. Input, 100% load)
GENERALSPECIFICATIONS
Isolation (Note 4)
4242VDC Input-Output
Efficiency
See Selection Chart
Switching Frequency
100Khz, (fixed, typical)
Safety UL/cUL:
UL60950-1 2nd ed./
C22.2 60950-1 2nd ed.
UL-EU:
EN60950-1 2nd ed.
CE:
EN60601-1-2
CB:
IEC60950-1 2nd ed.
EMC
EN55011 Class B
PHYSICALSPECIFICATIONS
Size
PCB Mount
2.29L” x 1.77W” x 0.85H”
Chassis Mount
3.77L” x 2.16W” x 1.0H”
Din Rail
3.77L” x 2.16W” x 1.42H”
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated. Soft Pot
Weight
PCB / CHA
4 oz (113g) / 8.5 oz (241g)
Din Rail
11.5 oz (326g)
ENVIRONMENTALSPECIFICATIONS
Oper. Temperature (Note 5)
0 to +50°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
MTBF
(Mil Std 217, 25°C)
270,000 Hrs
NOTES
1. All measurements should be made directly at the terminals of the
power supply.
2. Ripple and Noise depend upon output voltage as specified par par-
ticular model.
3. Short Circuit Protection is self-recovering when overcurrent condition
is removed.
4. Isolation for up to 1minute duration.
5. Specified for free-air convection cooling.
6. Minimum load is NOT required for proper operation. However, auxil-
iary outputs should be reduced as a function of primary output minimum
load or load regulation will be higher.
7. Load regulation measured from 20% to FL.
8. Line regulation measured from 90VAC to 264VAC.
9. Preset accuracy measured at nominal load, 120 VAC input.
10. O/P noise measured directly at pins/terminals at nom. load, 0.1uF
bypass, pk-pk @20MHz bandwidth.
11. Cross Reg.: Measured output (5V for Triples) at nominal load with
the other output(s) varied between 60% to 100% load.
12. 100% Production Tested.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - ESCA-5001

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCA-5001 ASTRODYNE-ESCA-5001 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCA-5001

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com