Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESCA-0118 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # ESCA-0118
Description  10W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0118 Datasheet(HTML) 4 Page - Astrodyne Corporation

  ESCA-0118 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0118 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0118 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0118 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0118 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10W Ultraminiature Encapsulated Switching Power Supplies
ECA10 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
1 : 1
Model
No Pin
No Pin
No Pin
Com
-Vout
-Vout
+5Vout
Com
No Pin
No Pin
No Pin
No Pin
+12V
+Vout
+Vout
No Pin
No Pin
No Pin
No Pin
No Pin
No Pin
ACN
ACN
ACN
ACL
ACL
ACL
9
8
7
6
5
4
3
2
1
Dual
Single
E.LIU
Type/Pin#
Triple
ACL
ACN
+Vout
Com
No Pin
-Vout
+5Vout
+5VRTN
No Pin
Dual(0108)
EXCA-10W
A
NEW SPEC
2015/07/07
EXCA-10W
outline drawing
NOTES :
1. All dimension in mm [ inch ] .
2. tolerance : .XX 0.508 [0.02 ].
.XXX 0.254[0.01].
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
SHEET
OF
SIZE
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING
BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
A4
7
8
PIN-OUT VIEWED FROM BOTTOM
1
2
3
4
5
6
9
5
.49
12.5
.69
2.13
17.5
21.59
1.77
.20
65
2.56
10
.394
7.5
.30
.85
17.5
.69
5.5
.22
45
54
5.1
.20
1
.04


Similar Part No. - ESCA-0118

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0103 ASTRODYNE-ESCA-0103 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0105 ASTRODYNE-ESCA-0105 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCA-0118

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com