Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-1212SE Datasheet(PDF) 2 Page - Recom International Power

Part # RP10-1212SE
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1212SE Datasheet(HTML) 2 Page - Recom International Power

  RP10-1212SE Datasheet HTML 1Page - Recom International Power RP10-1212SE Datasheet HTML 2Page - Recom International Power RP10-1212SE Datasheet HTML 3Page - Recom International Power RP10-1212SE Datasheet HTML 4Page - Recom International Power RP10-1212SE Datasheet HTML 5Page - Recom International Power RP10-1212SE Datasheet HTML 6Page - Recom International Power RP10-1212SE Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 12V
nom. Vin = 24V
nom. Vin = 48V
9VDVC
18VDC
36VDC
12VDC
24VDC
48VDC
18VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
none
Input Filter
Pi-Type
Input Reflected Ripple Current(5)
nominal Vin and full load
30mAp-p
Input Surge Voltage
12V input, 100ms max.
24V input, 100ms max.
48V input, 100ms max.
36VDC
50VDC
100VDC
Start-up time
nominal Vin and constant resistor load Power up
20ms
Operating Frequency Range
270kHz
300kHz
330kHz
Minimum Load (6)
of full load
10%
Ripple and Noise
measured by 20MHz bandwidth
Single
Dual
50mVp-p
75mVp-p
Remote ON/OFF(7)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
20mA
DC-DC ON
-0.5mA
+1.0mA
continued on next page
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-E
Series
Notes:
Note5: Simulated source impedance of 12μH. 12μH inductor in series with +Vin.
Note6: The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not meet all listed
specification.
Note7: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin.
If no suffix is specified, the control pin will be omitted.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
12Vin
18Vin
Output Current [%]
10
55
50
45
40
60
65
70
75
80
85
95
90
20
30
40
50
60
70
80
90
100
Total Input Voltage [%]
9
55
60
65
70
75
85
11
12
14
16
18
10
13
15
17
80
RP10-1205SE


Similar Part No. - RP10-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1212SE RECOM-RP10-1212SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-1212SE RECOM-RP10-1212SE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212SEM2 RECOM-RP10-1212SEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212SEN RECOM-RP10-1212SEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212SEP RECOM-RP10-1212SEP Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com