Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-2405SA Datasheet(PDF) 5 Page - Recom International Power

Part # RP10-2405SA
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-2405SA Datasheet(HTML) 5 Page - Recom International Power

  RP10-2405SA Datasheet HTML 1Page - Recom International Power RP10-2405SA Datasheet HTML 2Page - Recom International Power RP10-2405SA Datasheet HTML 3Page - Recom International Power RP10-2405SA Datasheet HTML 4Page - Recom International Power RP10-2405SA Datasheet HTML 5Page - Recom International Power RP10-2405SA Datasheet HTML 6Page - Recom International Power RP10-2405SA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +78°C
-40°C to +100°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM) without Heat-sink
Natural convection (20LFM) with Heat-sink
18.2°C/W
15.8°C/W
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
3308 x 103 hours
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-A
Series
PD-5
REV.: 0/2016
www.recom-power.com
Derating Graph(6)
Notes:
Note6: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
60
80
78
100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
-40
60
81
80
100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
RP10-2405SA
RP10-2405SA-HC
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1, 1st Ed.: 2003
C22.2 No. 60950, 1st Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(7)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(8)
Surge(8)
Conducted Immunity
Power frequency magnetic field
Air ±8kV and Contact ± 6kV
10 V/m
±2kV
±1kV
3 Vr.m.s
100A/m continuous, 1000A/m 1 second
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page
Notes:
Note7: The standard modules meet EMI Class A without external components and Class B with external components; see filter suggestions
below. RP10-4805SA meets EMI Class B without external components.
Note8: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Recom
suggests: Nippon chemi-con KY series, 220µF/100V.


Similar Part No. - RP10-2405SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405SAW RECOM-RP10-2405SAW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-2405SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com