Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-2412SA Datasheet(PDF) 6 Page - Recom International Power

Part # RP10-2412SA
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-2412SA Datasheet(HTML) 6 Page - Recom International Power

  RP10-2412SA Datasheet HTML 1Page - Recom International Power RP10-2412SA Datasheet HTML 2Page - Recom International Power RP10-2412SA Datasheet HTML 3Page - Recom International Power RP10-2412SA Datasheet HTML 4Page - Recom International Power RP10-2412SA Datasheet HTML 5Page - Recom International Power RP10-2412SA Datasheet HTML 6Page - Recom International Power RP10-2412SA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Copper Alloy C2680
FR4 PCB
Epoxy (UL94-V0)
Package Dimensions (LxWxH)
without Heat-sink
with Heat-sink
25.4 x 25.4 x 9.9mm
31.4 x 25.4 x 16.5mm
Package Weight
without Heat-sink
with Heat-sink
16.5g
22.94g
continued on next page
PD-6
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-A
Series
Dimension Drawing (mm)
Bottom View
25.4
20.32
25.4
Ø 1.0
1
4
5
6
2
3
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL(2)
CTRL(2)
4
+Vout
+Vout
5
Trim
Com
6
-Vout
-Vout
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
EMI Filtering Class B
Input
Input
DC
DC
Fuse
C1
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
DC
DC
+VIN
+VOUT
GND
-VOUT
-VIN
Input
Input
DC
DC
Fuse
C1
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
DC
DC
+VIN
+VOUT
GND
-VOUT
-VIN
MODEL
C1
RP10-12xxS_DA
10µF/25V
1812 MLCC
RP10-24xxS_DA
6.8µF/50V
1812 MLCC
RP10-48xxS_DA
4.7µF/100V
1812 MLCC


Similar Part No. - RP10-2412SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2412SAW RECOM-RP10-2412SAW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-2412SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com