Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-1205DE Datasheet(PDF) 1 Page - Recom International Power

Part # RP10-1205DE
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1205DE Datasheet(HTML) 1 Page - Recom International Power

  RP10-1205DE Datasheet HTML 1Page - Recom International Power RP10-1205DE Datasheet HTML 2Page - Recom International Power RP10-1205DE Datasheet HTML 3Page - Recom International Power RP10-1205DE Datasheet HTML 4Page - Recom International Power RP10-1205DE Datasheet HTML 5Page - Recom International Power RP10-1205DE Datasheet HTML 6Page - Recom International Power RP10-1205DE Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Regulated
Converters
• 2:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 87%
• Fixed Operating Frequency
• Six-Sided Continuous Shield
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP10-E series DC/DC converters are certified to UL 60950-1 and cUL 60950-1. This makes them
ideal for all telecom and industrial applications where approved safety standards are required. The
industry standard 2” x 1” package meets military standards for thermal shock and vibration tolerance
and is available with an optional remote on/off control pin. This series is also available with the /M1 and
/M2 option which is particularly suitable for extended temperature range applications.
E196683
10 Watt
2“ x 1“
Single & Dual
Output
RP10-E
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP10-123.3SE(3,4)
9-18
3.3
2000
688
80
6800
RP10-1205SE(3,4)
9-18
5
2000
1029
81
4700
RP10-1212SE(3,4)
9-18
12
830
988
84
690
RP10-1215SE(3,4)
9-18
15
670
997
84
470
RP10-243.3SE(3,4)
18-36
3.3
2000
344
80
6800
RP10-2405SE(3,4)
18-36
5
2000
508
82
4700
RP10-2412SE(3,4)
18-36
12
830
494
84
690
RP10-2415SE(3,4)
18-36
15
670
499
84
470
RP10-483.3SE(3,4)
36-75
3.3
2000
172
80
6800
RP10-4805SE(3,4)
36-75
5
2000
248
84
4700
RP10-4812SE(3,4)
36-75
12
830
241
86
690
RP10-4815SE(3,4)
36-75
15
670
241
87
470
RP10-1205DE(3,4)
9-18
±5
±1000
992
84
±680
RP10-1212DE(3,4)
9-18
±12
±416
1002
83
±330
RP10-1215DE(3,4)
9-18
±15
±333
991
84
±110
RP10-2405DE(3,4)
18-36
±5
±1000
502
83
±680
RP10-2412DE(3,4)
18-36
±12
±416
489
85
±330
RP10-2415DE(3,4)
18-36
±15
±333
496
84
±110
RP10-4805DE(3,4)
36-75
±5
±1000
248
84
±680
RP10-4812DE(3,4)
36-75
±12
±416
242
86
±330
RP10-4815DE(3,4)
36-75
±15
±333
245
85
±110
UL60950-1 Certified
Input Voltage
Output Voltage
Single or Dual
RP10-__ __ _E/_ _
Ordering Expamples:
RP10-1205SE/P = 12V Input, 5V Output, Standard Temp. Range, Positive Logic CTRL pin fitted
RP10-4805DE/M1-HC = 48V Input, 5V Output, Extended Temp. Range, No CTRL pin, Heat-sink fitted
Model Numbering
Notes:
Note3: add suffix “M1” for higher efficiencies and extended temperature range
add suffix “P” for CTRL function with Positive Logic (1=ON, 0=OFF)
add suffix “N” for CTRL function with Negative Logic (0=ON, 1=OFF)
Note4: add suffix -HC for premounted Heat-sink and clips
Package(4)
Control Logic(3)
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP10-1205DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1205DE RECOM-RP10-1205DE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-1205DE RECOM-RP10-1205DE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1205DEM2 RECOM-RP10-1205DEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1205DEN RECOM-RP10-1205DEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1205DEP RECOM-RP10-1205DEP Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-1205DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com