Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-4805DAW Datasheet(PDF) 2 Page - Recom International Power

Part # RP10-4805DAW
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-4805DAW Datasheet(HTML) 2 Page - Recom International Power

  RP10-4805DAW Datasheet HTML 1Page - Recom International Power RP10-4805DAW Datasheet HTML 2Page - Recom International Power RP10-4805DAW Datasheet HTML 3Page - Recom International Power RP10-4805DAW Datasheet HTML 4Page - Recom International Power RP10-4805DAW Datasheet HTML 5Page - Recom International Power RP10-4805DAW Datasheet HTML 6Page - Recom International Power RP10-4805DAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PD-2
REV.: 0/2016
www.recom-power.com
DC/DC Converter
RP10-AW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Input Filter
Pi-Type
Input Reflected Ripple Current
nominal Vin and full load
30mAp-p
Input Surge Voltage
Vin = 24V, 1s max.
Vin = 48V, 1s max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
30ms
30ms
Operating Frequency Range
297kHz
330kHz
363kHz
Minimum Load
of full load
0%
Optional Power
output voltage trimmed up 10%
output voltage trimmed up 20%
11W
12W
Ripple and Noise
measured by 20MHz bandwidth
with a 10µF/25V X7R 1206 MLCC
3.3Vout, 5Vout
12Vout, 15Vout
40mVp-p
60mVp-p
measured by 20MHz bandwidth
with a 1µF/50V X7R 1206 MLCC
24Vout
60mVp-p
Remote ON/OFF
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0 < Vr < 15VDC
Short or 0 < Vr < 1.2VDC
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0 < Vr < 1.2VDC
Open or 3.0 < Vr < 15VDC
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5 mA
1.0mA
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
80
85
95
100
20
40
60
80
100
30
50
70
90
90
Input Voltage [V]
9
60
65
70
75
80
85
95
100
19
24
14
29
34
90
RP10-2405SA


Similar Part No. - RP10-4805DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-4805DA RECOM-RP10-4805DA Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-4805DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com