Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP08-4815DAW Datasheet(PDF) 6 Page - Recom International Power

Part # RP08-4815DAW
Description  8 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP08-4815DAW Datasheet(HTML) 6 Page - Recom International Power

  RP08-4815DAW Datasheet HTML 1Page - Recom International Power RP08-4815DAW Datasheet HTML 2Page - Recom International Power RP08-4815DAW Datasheet HTML 3Page - Recom International Power RP08-4815DAW Datasheet HTML 4Page - Recom International Power RP08-4815DAW Datasheet HTML 5Page - Recom International Power RP08-4815DAW Datasheet HTML 6Page - Recom International Power RP08-4815DAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PD-6
REV.: 2/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP08-AW
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel coated copper
Non-conductive black plastic
Epoxy (UL94-V0)
Package Dimensions (LxWxH)
DIP
SMD
31.8 x 20.3 x 10.3mm
32.0 x 21.3 x 10.9mm
Package Weight
DIP
SMD
18g
20g
DIP24 Dimension Drawing (mm)
Pin Connections
Pin #
Single
Dual
1
Ctrl
Ctrl
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
NC = No Connection
20.3
31.8
Ø 0.5
20.32
2.0
2 3
Bottom View
9
11
23 22
16
14
1
5.08
15.20
2.54
SMD Dimension Drawing (mm)
2.54
0.50
1.60
32.0
10.16
27.94
25.4
2.54
1.0 x 0.50
1
4
5
9
10
11
12
3
2
24
21
20
Bottom View
Top View
16
15
14
13
22
23
Pin area
Pin Connections
Pin #
Single
Dual
1
Ctrl
Ctrl
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Others
NC
NC
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
NC = No Connection


Similar Part No. - RP08-4815DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP08-4815DAW RECOM-RP08-4815DAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-4815DAWSMD RECOM-RP08-4815DAWSMD Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP08-4815DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA_07 Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com