Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1408-F1200 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD1408-F1200
Description  Surface Mount Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-F1200 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD1408-F1200 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-F1200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CD1408-F1200~F11000 – Surface Mount Rectifier Diode
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free device (RoHS compliant*)
Low profile
Low power loss, high efficiency
UL 94V-0 classification
Applications
High frequency switching power supplies
Inverters
Free wheeling
Polarity protection
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components. Bourns offers Rectifier Diodes for rectification applications, in compact
chip package 1408 size format (compatible with SOD87, SOD123 formats), which
offers PCB real estate savings and are considerably smaller than most competitive
parts. The Glass Passivated Rectifier Diodes offer a forward current of 1 A with a
choice of repetitive peak reverse voltage of 200 V up to 1000 V, with a 300 nS
maximum recovery time.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away.
Tin Plated
Connectors
FRP Substrate
and Epoxy
Underfill
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD1408-F1200~F11000
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Parameter
Symbol
CD1408-
Unit
F1200
F1400
F1600
F1800
F11000
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Max. Average Forward Rectified Current1
I(AV)
1.0
A
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 25 °C)
IR
5.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 125 °C)
IR
30.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 150 °C)
IR
50.0
µA
Typical Junction Capacitance2
CJ
15
pF
Instantaneous Forward Voltage @ IF = 1 A
VF
1.3
V
Maximum Reverse Recovery Time3
Trr
300
ns
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30.0
A
(JEDEC Method)
Typical Thermal Resistance
Rj-a
80
°C/Watt
Typical Thermal Resistance
Rj-l
40
°C/Watt
Notes:
1 See Forward Derating Curve.
2 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
3 Reverse recovery test condition: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A


Similar Part No. - CD1408-F1200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-FF1 BOURNS-CD1408-FF1 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
More results

Similar Description - CD1408-F1200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-FF1200 BOURNS-CD1408-FF1200 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FU1400 BOURNS-CD1408-FU1400 Datasheet
520Kb / 4P
   Surface Mount Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150_13 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
SUNMATE electronic Co.,...
SDM10K45 SUNMATE-SDM10K45 Datasheet
275Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER DIODE
logo
Bourns Electronic Solut...
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com