Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72116ATP-8I Datasheet(PDF) 11 Page - GSI Technology

Part # GS72116ATP-8I
Description  128K x 16 2Mb Asynchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116ATP-8I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS72116ATP-8I Datasheet HTML 7Page - GSI Technology GS72116ATP-8I Datasheet HTML 8Page - GSI Technology GS72116ATP-8I Datasheet HTML 9Page - GSI Technology GS72116ATP-8I Datasheet HTML 10Page - GSI Technology GS72116ATP-8I Datasheet HTML 11Page - GSI Technology GS72116ATP-8I Datasheet HTML 12Page - GSI Technology GS72116ATP-8I Datasheet HTML 13Page - GSI Technology GS72116ATP-8I Datasheet HTML 14Page - GSI Technology GS72116ATP-8I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev: 1.04a 10/2002
11/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
44-Pin, 400 mil SOJ
122
23
44
e
B1
D
y
Q
c
L
Detail A
A
B
Note:
1. Dimension D& E do not include interlead flash.
2. Dimension B1 does not include dambar protrusion/intrusion.
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
——
0.148
——
3.759
A1
0.025
——
0.635
——
A2
0.105 0.110 0.115 2.667
2.794
2.921
B
0.018
——
0.457
B1
0.026 0.028 0.032 0.660
0.711
0.813
c
0.008
——
0.203
D
1.120 1.125 1.130 28.44
28.58
28.70
E
0.395 0.400 0.405 10.033 10.160 10.287
e
0.05
——
1.27
HE
0.435 0.440 0.445 11.049 11.176 11.303
GE
0.360 0.370 0.380 9.144
9.398
9.652
L
0.082 0.087 0.106 2.083
2.210
2.70
y
——
0.004
——
0.102
Q
0o
7o
0o
7o


Similar Part No. - GS72116ATP-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116J-10 GSI-GS72116J-10 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-10I GSI-GS72116J-10I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12 GSI-GS72116J-12 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12I GSI-GS72116J-12I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-15 GSI-GS72116J-15 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results

Similar Description - GS72116ATP-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com