Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4360H3BJ Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4360H3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4360H3BJ Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4360H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 11Page - Bourns Electronic Solutions TISP4360H3BJ Datasheet HTML 12Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
JUNE 1999 - REVISED JANUARY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Impulse Testing (continued)
AC Testing
Capacitance
APPLICATIONS INFORMATION
If the impulse generator current exceeds the protector’s current rating, then a series resistance can be used to reduce the current to the
protector’s rated value to prevent possible failure. The required value of series resistance for a given waveform is given by the following
calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated
current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the
minimum total circuit impedance to give the required value of series resistance. In some cases, the equipment will require verification over a
temperature range. By using the rated waveform values from Figure 10, the appropriate series resistor value can be calculated for ambient
temperatures in the range of -40 °C to 85 °C.
The protector can withstand currents applied for times not exceeding those shown in Figure 7. Currents that exceed these times must be
terminated or reduced to avoid protector failure. Fuses, PTC (Positive Temperature Coefficient) resistors and fusible resistors are overcurrent
protection devices which can be used to reduce the current flow. Protective fuses may range from a few hundred milliamperes to one ampere.
In some cases, it may be necessary to add some extra series resistance to prevent the fuse from opening during impulse testing. The current
versus time characteristic of the overcurrent protector must be below the line shown in Figure 7. In some cases, there may be a further time
limit imposed by the test standard (e.g. UL 1459/1950 wiring simulator failure).
Safety tests require that the equipment fails without any hazard to the user. For the equipment protector, this condition usually means that the
fault mode is short circuit, ensuring that the following circuitry is not exposed to high voltages. The ratings table and Figure 8 detail the earliest
times when a shorted condition could occur. Figure 8 shows how the protector current levels compare to UL 1950 levels. Only the UL 1950
600 V tests (1, 2 and 3) are shown, as these have sufficient voltage to operate the protector. Tests 4 (<285 V peak, 2.2 A) and 5 (120 V rms, 25
A) are too low in voltage to operate the protector.
Figure 8 shows that the TISP4360H3BJ curve is very close or better than the UL 1950 test levels. Design compliance is simply a matter of
selecting an overcurrent protector which operates before the UL 1950 times up to 1.5 s. Fuses such as the Littelfuse® 436 series and 2AG
(Surge Withstand type) series have a 600 V capability for UL 1950. Fuses rated in the range of 0.5 A to 1.5 A will usually meet the safety test
requirements. However, the lower rated current value fuses may open on the type A surges of FCC Part 68. Opening on a type A surge is not a
test failure, but opening on a type B surge (37.5 A 5/320) is; so the selected fuse must be able to withstand the type B surge.
The protector characteristic off-state capacitance values are given for d.c. bias voltage, VD, values of 0, -1 V, -2 V, -50 V and -100 V. Values for
other voltages may be calculated by multiplying the VD = 0 capacitance value by the factor given in Figure 6. Up to 10 MHz, the capacitance is
essentially independent of frequency. Above 10 MHz, the effective capacitance is strongly dependent on connection inductance.
Normal System Voltage Levels
The protector should not clip or limit the voltages that occur in normal system operation. If the maximum system voltages are not known, then
designers often used the voltages for the FCC Part 68 “B” ringer. The “B” ringer has a d.c. voltage of 56.5 and a maximum a.c. ring voltage of
150 V rms. The resultant waveform is shown in Figure 13. The maximum voltage is -269 V, but, because of possible wiring reversals, the
protector should have a working voltage of ±269 V minimum. The standard TISP4350H3BJ protector meets this requirement with a working
voltage, VDRM, of ±275 V and a protection voltage, V(BO), of ±350 V. Figure 14 shows the TISP4350H3BJ voltages relative to the POTS -269 V
peak ringing voltage.
The ADSL signal can be as high as ±15 V and this adds to the POTS signal, making a peak value of -284 V. This increased signal value of
-284 V would be clipped by the TISP4350H3BJ, which only allows for a -275 V signal. The TISP4360H3BJ has been specified to overcome this
problem by having a higher working voltage of ±290 V. Figure 15 shows the TISP4360H3BJ voltages relative to the -284 V peak ADSL plus
POTS ringing voltage. The ±15 V ADSL signal is shown as a grey band in Figure 15.
The recommended PCB pad layout for the TISP4360H3BJ SMB package (see mechanical section) gives a creepage distance of 2.54 mm
between the device terminals. This distance value allows compliance to the minimum clearance values required by UL 1950 for operational,
basic and supplementary insulation and creepage values for pollution degree 1.
TISP4360H3BJ Overvoltage Protector Series


Similar Part No. - TISP4360H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4360H3BJ POINN-TISP4360H3BJ Datasheet
305Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4360H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com