Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65HVD05 Datasheet(PDF) 10 Page - Texas Instruments

Part # 65HVD05
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65HVD05 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 65HVD05 Datasheet HTML 6Page - Texas Instruments 65HVD05 Datasheet HTML 7Page - Texas Instruments 65HVD05 Datasheet HTML 8Page - Texas Instruments 65HVD05 Datasheet HTML 9Page - Texas Instruments 65HVD05 Datasheet HTML 10Page - Texas Instruments 65HVD05 Datasheet HTML 11Page - Texas Instruments 65HVD05 Datasheet HTML 12Page - Texas Instruments 65HVD05 Datasheet HTML 13Page - Texas Instruments 65HVD05 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN65HVD05,SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
SLLS533B – MAY 2002 – REVISED MAY 2003
www.ti.com
10
1.5 V
tPZH(2)
1.5 V
3 V
0 V
VOH
GND
VI
VO
0 V or 1.5 V
1.5 V or 0 V
A at 1.5 V
B at 0 V
S1 to B
tPZL(2)
1.5 V
VOL
VO
A at 0 V
B at 1.5 V
S1 to A
50
Generator: PRR = 100 kHz,
50% Duty Cycle,
tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
CL = 15 pF ±20%
CL Includes Fixture and
Instrumentation Capacitance
VI
DE
1 k
Ω ± 1%
A
B
S1
Input
Generator
R
0 V
A
B
VCC
VCC
Figure 10. Receiver Enable Time From Standby (Driver Disabled)
Pulse Generator,
15
µs Duration,
1% Duty Cycle
tr, tf ≤ 100 ns
100
± 1%
_
+
A
B
R
D
DE
RE
0 V or 3 V
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
3 V or 0 V
Figure 11. Test Circuit, Transient Over Voltage Test


Similar Part No. - 65HVD05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
65HVD251 TI-65HVD251 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
65HVD251 TI1-65HVD251 Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
65HVD61 TI-65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
More results

Similar Description - 65HVD05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com