Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72116AJ-8I Datasheet(PDF) 4 Page - GSI Technology

Part # GS72116AJ-8I
Description  128K x 16 2Mb Asynchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116AJ-8I Datasheet(HTML) 4 Page - GSI Technology

  GS72116AJ-8I Datasheet HTML 1Page - GSI Technology GS72116AJ-8I Datasheet HTML 2Page - GSI Technology GS72116AJ-8I Datasheet HTML 3Page - GSI Technology GS72116AJ-8I Datasheet HTML 4Page - GSI Technology GS72116AJ-8I Datasheet HTML 5Page - GSI Technology GS72116AJ-8I Datasheet HTML 6Page - GSI Technology GS72116AJ-8I Datasheet HTML 7Page - GSI Technology GS72116AJ-8I Datasheet HTML 8Page - GSI Technology GS72116AJ-8I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev: 1.04a 10/2002
4/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
Note: X: “H” or “L”
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Rec-
ommended Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device
reliability.
Truth Table
CE
OE
WE
LB
UB
DQ1 to DQ8
DQ9 to DQ16
VDD Current
H
X
X
X
X
Not Selected
Not Selected
ISB1, ISB2
LL
H
L
L
Read
Read
IDD
L
H
Read
High Z
H
L
High Z
Read
LX
L
LL
Write
Write
L
H
Write
Not Write, High Z
H
L
Not Write, High Z
Write
L
H
H
X
X
High Z
High Z
L
X
X
H
H
High Z
High Z
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable power dissipation
PD
0.7
W
Storage temperature
TSTG
–55 to 150
oC


Similar Part No. - GS72116AJ-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116J-10 GSI-GS72116J-10 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-10I GSI-GS72116J-10I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12 GSI-GS72116J-12 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12I GSI-GS72116J-12I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-15 GSI-GS72116J-15 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results

Similar Description - GS72116AJ-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com