Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72116AJ-8I Datasheet(PDF) 8 Page - GSI Technology

Part # GS72116AJ-8I
Description  128K x 16 2Mb Asynchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116AJ-8I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS72116AJ-8I Datasheet HTML 4Page - GSI Technology GS72116AJ-8I Datasheet HTML 5Page - GSI Technology GS72116AJ-8I Datasheet HTML 6Page - GSI Technology GS72116AJ-8I Datasheet HTML 7Page - GSI Technology GS72116AJ-8I Datasheet HTML 8Page - GSI Technology GS72116AJ-8I Datasheet HTML 9Page - GSI Technology GS72116AJ-8I Datasheet HTML 10Page - GSI Technology GS72116AJ-8I Datasheet HTML 11Page - GSI Technology GS72116AJ-8I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev: 1.04a 10/2002
8/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
Read Cycle 2: WE = VIH
* These parameters are sampled and are not 100% tested.
Write Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
7
8
10
12
ns
Address valid to end of write
tAW
5
5.5
7
8
ns
Chip enable to end of write
tCW
5
5.5
7
8
ns
Byte enable to end of write
tBW
5
5.5
7
8
ns
Data set up time
tDW
3.5
4
5
6
ns
Data hold time
tDH
0
0
0
0
ns
Write pulse width
tWP
5
5.5
7
8
ns
Address set up time
tAS
0
0
0
0
ns
Write recovery time (WE)tWR
0
0
0
0
ns
Write recovery time (CE)tWR1
0
0
0
0
ns
Output Low Z from end of write
tWLZ*
3—
3
3
3
ns
Write to output in High Z
tWHZ*
—3
3.5
4
5ns
tAA
tRC
Address
tAC
tLZ
tAB
tBLZ
tOE
tOLZ
CE
UB, LB
OE
Data Out
tHZ
tBHZ
tOHZ
Data valid
High impedance


Similar Part No. - GS72116AJ-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116J-10 GSI-GS72116J-10 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-10I GSI-GS72116J-10I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12 GSI-GS72116J-12 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-12I GSI-GS72116J-12I Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116J-15 GSI-GS72116J-15 Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results

Similar Description - GS72116AJ-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com