Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6049945 Datasheet(PDF) 2 Page - SICK AG

Part # 6049945
Description  LEVEL SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049945 Datasheet(HTML) 2 Page - SICK AG

  6049945 Datasheet HTML 1Page - SICK AG 6049945 Datasheet HTML 2Page - SICK AG 6049945 Datasheet HTML 3Page - SICK AG 6049945 Datasheet HTML 4Page - SICK AG 6049945 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UP56-212156 | UP56 Pure
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
UP56-212156
6049945
Other models and accessories
www.sick.com/UP56_Pure
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Measuring range in tank
85 mm ... 350 mm
Measuring range immersion tube
85 mm ... 1,500 mm
Process pressure
0 bar ... 2 bar, gauge pressure for UP56 Pure mini
Process temperature
–25 °C ... +85 °C
Performance
Accuracy of sensor element
≤ 1 % 1)
Repeatability
± 0.15 % 1)
Resolution
≤ 0.18 mm
Response time
≤ 84 ms 2)
Display
Without design specifics
1) From the full scale value.
2) Recovery time 32 ms ... 180 ms according to EMC EN 60947-5-7.
Electronics
Supply voltage
9 V DC ... 30 V DC 1)
Residual ripple
± 10 %
Power consumption
≤ 80 mA 2)
Protection class
III
Electrical connection
Round connector M12 x 1, 5-pin
Output signal
4 mA ... 20 mA 3) 4)
1) Reverse-polarity protected.
2) At 24 V DC without output load.
3) Short-circuit protected, reversible.
4) Automatic switching between voltage and current outputs dependet on load 4 mA ... 20 mA: RL ≤ 100 / at 9 V ≤ UB ≤20 V; RL ≤ 500/ at UB ≥ 20 V; 0 V ... 10 V: RL ≥
100 k / at UB ≥ 15 V, short-circuit protected.
5) Free adjustable in 1 mm steps via Connect+ Adapter (CPA)
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-17 16:55:06
Subject to change without notice


Similar Part No. - 6049945

ManufacturerPart #DatasheetDescription
logo
SICK AG
6049906 SICK-6049906 Datasheet
808Kb / 7P
   PRESSURE SENSORS
6049929 SICK-6049929 Datasheet
309Kb / 7P
   LEVEL SENSORS
6049969 SICK-6049969 Datasheet
299Kb / 4P
   TEMPERATURE SENSORS
6049984 SICK-6049984 Datasheet
810Kb / 7P
   PRESSURE SENSORS
6049988 SICK-6049988 Datasheet
243Kb / 6P
   TEMPERATURE SENSORS
More results

Similar Description - 6049945

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com