Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZN428E8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZN428E8
Description  8-BIT LATCHED INPUT D-A CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN428E8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZN428E8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN428E8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZN428
ABSOLUTE MAXIMUM RATINGS
Supply voltage VCC
+7.0V
Max.voltage, logic and VREF inputs
+VCC
Operating temperature range
0
°C to +70°C (ZN428E8, ZN428D)
-55
°C to +125°C (ZN428J8)
Storage temperature range
-55
°C to +125°C
Analog ground to digital ground
±200mV
Parameter
Min.
Typ.
Max.
Units
Conditions
Internal Voltage Reference
Output voltage
2.475
2.550
2.625
V
Slope resistance
-
0.5
2
VREF OUT T.C.
-
50
-
ppm/
°C
Reference current
4
-
15
mA
Note 1
D-A Converter
Linearity error
-
-
±0.5
LSB
2.0V
≤V
REF IN ≤3.0V
Differential non-linearity
-
±0.5
-
LSB
Linearity error T.C.
-
±3
-
ppm/
°C
Differential non-linearity T.C.
-
±6
-
ppm/
°C
Offset voltage
-
2
5
mV
All bits off
Offset voltage T.C.
-
±6-
µV/°C
Full-scale output
2.545
2.550
2.555
Full-scale output T.C.
-
2
-
ppm/
°C
Analog output resistance
-
4
-
k
External reference voltage
0
-
3.0
V
Settling time to 0.5 LSB
-
-
800
1.25
-
-
ns
µs
1 LSB major transition
(Note 2)
All bits ON to OFF or
OFF to ON (Note 2)
Operating temperature range:
ZN428D and ZN428 E8
ZN428J8
0
-55
-
-
70
125
°C
°C
Supply voltage (VCC)
4.5
5.0
5.5
V
Supply current
-
20
30
mA
Note 3
Power consumption
-
100
-
mW
Note 1: See REFERENCE
Note 2: RL = 10MΩ, CL = 10pF
Note 3: All inputs HIGH (VIH = 3.5V)
ELECTRICAL CHARACTERISTICS
(VCC = +5V, Tamb = 25°C unless otherwise specified)
RREF = 390Ω
CREF = 1µF
External reference
VREF IN = 2.560V,
all bits ON


Similar Part No. - ZN428E8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
   PRECISION VOLTAGE REFERENCE SOURCE
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
ZN426E8DP14 ZARLINK-ZN426E8DP14 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
More results

Similar Description - ZN428E8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN3020 ETC-MN3020 Datasheet
841Kb / 4P
   8-bit D/A Converter with Input Register
logo
API Technologies Corp
MN3020 APITECH-MN3020 Datasheet
847Kb / 4P
   8-bit D/A Converter with Input Register
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
   8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
   8-Bit Serial-Input Latched Drivers
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com