Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC153 Datasheet(PDF) 7 Page - Texas Instruments

Part # 54AC153
Description  Dual 4-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC153 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 54AC153 Datasheet HTML 2Page - Texas Instruments 54AC153 Datasheet HTML 3Page - Texas Instruments 54AC153 Datasheet HTML 4Page - Texas Instruments 54AC153 Datasheet HTML 5Page - Texas Instruments 54AC153 Datasheet HTML 6Page - Texas Instruments 54AC153 Datasheet HTML 7Page - Texas Instruments 54AC153 Datasheet HTML 8Page - Texas Instruments 54AC153 Datasheet HTML 9Page - Texas Instruments 54AC153 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
19.5
ns
S
n to Zn
5.0
1.0
14.0
t
PHL
Propagation Delay
3.3
1.0
18.0
ns
S
n to Zn
5.0
1.0
13.5
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
EtoZ
n
5.0
1.0
12.5
t
PHL
Propagation Delay
3.3
1.0
14.0
ns
EtoZ
n
5.0
1.0
10.0
t
PLH
Propagation Delay
3.3
1.0
16.0
ns
I
n to Zn
5.0
1.0
11.5
t
PHL
Propagation Delay
3.3
1.0
14.5
ns
I
n to Zn
5.0
1.0
10.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
15.0
ns
S
n to Zn
t
PHL
Propagation Delay
5.0
1.0
14.5
ns
S
n to Zn
t
PLH
Propagation Delay
5.0
1.0
13.5
ns
E
n to Zn
t
PHL
Propagation Delay
5.0
1.0
11.5
ns
E
n to Zn
t
PLH
Propagation Delay
5.0
1.0
12.5
ns
I
n to Zn
t
PHL
Propagation Delay
5.0
1.0
12.0
ns
I
n to Zn
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
65.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Similar Part No. - 54AC153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Intersil Corporation
54AC153 INTERSIL-54AC153 Datasheet
11Kb / 1P
   Dual 4-Input Multiplexer
June 1997
logo
National Semiconductor ...
54AC153D NSC-54AC153D Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
54AC153F NSC-54AC153F Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
54AC153L NSC-54AC153L Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
More results

Similar Description - 54AC153

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com