Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS258 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54LS258
Description  TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54LS258 Datasheet(HTML) 3 Page - Texas Instruments

  54LS258 Datasheet HTML 1Page - Texas Instruments 54LS258 Datasheet HTML 2Page - Texas Instruments 54LS258 Datasheet HTML 3Page - Texas Instruments 54LS258 Datasheet HTML 4Page - Texas Instruments 54LS258 Datasheet HTML 5Page - Texas Instruments 54LS258 Datasheet HTML 6Page - Texas Instruments 54LS258 Datasheet HTML 7Page - Texas Instruments 54LS258 Datasheet HTML 8Page - Texas Instruments 54LS258 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS and 54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS257B
DM74LS257B
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
1
b
26
mA
IOL
Low Level Output Current
12
24
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
’LS257B Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VIL e Max VIH e Min
DM74
24
31
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 12 mA VCC e Min
DM74
025
04
II
Input Current
Max
VCC e Max
Select
02
mA
Input Voltage
VI e 7V
Other
01
IIH
High Level Input
VCC e Max
Select
40
m
A
Current
VI e 27V
Other
20
IIL
Low Level Input
VCC e Max
Select
b
08
mA
Current
VI e 04V
Other
b
04
IOZH
Off-State Output Current
VCC e Max VO e 27V
with High Level Output
VIH e Min VIL e Max
20
m
A
Voltage Applied
IOZL
Off-State Output Current
VCC e Max VO e 04V
with Low Level Output
VIH e Min VIL e Max
b
20
m
A
Voltage Applied
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICCH
Supply Current with
VCC e Max (Note 3)
59
10
mA
Outputs High
ICCL
Supply Current with
VCC e Max (Note 3)
92
16
mA
Outputs Low
ICCZ
Supply Current with
VCC e Max (Note 3)
12
19
mA
Outputs Disabled
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all possible inputs grounded while achieving the stated output conditions
2


Similar Part No. - 54LS258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS258ADMQB NSC-54LS258ADMQB Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
54LS258AFMQB NSC-54LS258AFMQB Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
54LS258ALMQB NSC-54LS258ALMQB Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
More results

Similar Description - 54LS258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com