Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS257B Datasheet(PDF) 2 Page - Texas Instruments

Part # DM74LS257B
Description  TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM74LS257B Datasheet(HTML) 2 Page - Texas Instruments

  DM74LS257B Datasheet HTML 1Page - Texas Instruments DM74LS257B Datasheet HTML 2Page - Texas Instruments DM74LS257B Datasheet HTML 3Page - Texas Instruments DM74LS257B Datasheet HTML 4Page - Texas Instruments DM74LS257B Datasheet HTML 5Page - Texas Instruments DM74LS257B Datasheet HTML 6Page - Texas Instruments DM74LS257B Datasheet HTML 7Page - Texas Instruments DM74LS257B Datasheet HTML 8Page - Texas Instruments DM74LS257B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF6417
June 1989
54LS257ADM54LS257BDM74LS257B
54LS258ADM54LS258BDM74LS258B
TRI-STATE
Quad 2-Data SelectorsMultiplexers
General Description
These Schottky-clamped high-performance multiplexers
feature TRI-STATE outputs that can interface directly with
data lines of bus-organized systems With all but one of the
common outputs disabled (at a high impedance state) the
low impedance of the single enabled output will drive the
bus line to a high or low logic level To minimize the possibil-
ity that two outputs will attempt to take a common bus to
opposite logic levels the output enable circuitry is designed
such that the output disable times are shorter than the out-
put enable times
This TRI-STATE output feature means that n-bit (paralleled)
data selectors with up to 258 sources can be implemented
for data buses It also permits the use of standard TTL reg-
isters for data retention throughout the system
Features
Y
TRI-STATE versions LS157 and LS158 with same pin-
outs
Y
Schottky-clamped for significant improvement in A-C
performance
Y
Provides bus interface from multiple sources in high-
performance systems
Y
Average propagation delay from data input 12 ns
Y
Typical power dissipation
LS257B
50 mW
LS258B
35 mW
Y
Alternate
militaryaerospace
devices
(54LS257A
54LS258A) are available Contact a National Semicon-
ductor Sales OfficeDistributor for specifications
Connection Diagrams
Dual-In-Line Package
TLF6417 – 1
Order Number 54LS257ADMQB 54LS257AFMQB
54LS257ALMQB DM54LS257BJ DM54LS257BW
DM74LS257BM or DM74LS257BN
See NS Package Number E20A J16A
M16A N16E or W16A
Dual-In-Line Package
TLF6417 – 2
Order Number 54LS258ADMQB 54LS258AFMQB
54LS258ALMQB DM54LS258BJ DM54LS258BW
DM74LS258BM or DM74LS258BN
See NS Package Number E20A J16A
M16A N16E or W16A
Function Table
Inputs
Output Y
Output
Select
A
B
LS257
LS258
Control
HX
X
X
Z
Z
LL
L
X
L
H
LL
H
X
H
L
LH
X
L
L
H
LH
X
H
H
L
H e High Level L e Low Level X e Don’t Care
Z e High Impedance (off)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS257B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74LS257BM NSC-DM74LS257BM Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257BM FAIRCHILD-DM74LS257BM Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74LS257BN NSC-DM74LS257BN Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257BN FAIRCHILD-DM74LS257BN Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
More results

Similar Description - DM74LS257B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com