Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2H12AXAAW2 Datasheet(PDF) 3 Page - Texas Instruments

Part # 66AK2H12AXAAW2
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2H12AXAAW2 Datasheet(HTML) 3 Page - Texas Instruments

  66AK2H12AXAAW2 Datasheet HTML 1Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 2Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 3Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 4Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 5Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 6Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 7Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 8Page - Texas Instruments 66AK2H12AXAAW2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 354 page
background image
Multicore DSP+ARM KeyStone II System-on-Chip (SoC)
Copyright 2013 Texas Instruments Incorporated
66AK2H14/12/06 Features and Description
3
SPRS866E—November 2013
66AK2H14/12/06
Submit Documentation Feedback
1.5 Enhancements in KeyStone II
The KeyStone II architecture provides many major enhancements over the previous KeyStone I generation of
devices. The KeyStone II architecture integrates a Cortex-A15 processor quad-core cluster. The external memory
bandwidth has been doubled with the integration of dual DDR3 1600 EMIFs. MSMC internal memory bandwidth
is quadrupled with MSMC architecture improvements such as cache coherency. MSMC also enbles memories to
operate at the speed of the processor cores, which reduces latency and contention while providing high-bandwidth
interconnections between processor cores and shared internal and external memory. Multicore Navigator supports
2× the number of queues, descriptors, and packet DMA, 4× the number of micro RISC engines, and a significant
increase in the number of push/pops per second compared to the previous generation. The new peripherals that have
been added include the USB 3.0 controller, and asynchronous EMIF controller for NAND/NOR memory access.
The 3-port Gigabit Ethernet switch in KeyStone I has been replaced with a 5-port Gigabit Ethernet switch in
KeyStone II. Time synchronization support has been enhanced to reduce software workload and support additional
standards like IEEE1588 Annex D/E and SyncE. The number of GPIOs and serial interface peripherals, like I
2C and
SPI, have been increased to enable more board level control functionality.


Similar Part No. - 66AK2H12AXAAW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2H12AXAAW2 TI1-66AK2H12AXAAW2 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2H12AXAAW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12 Datasheet
2Mb / 231P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com