Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2E02ABDA4 Datasheet(PDF) 10 Page - Texas Instruments

Part # 66AK2E02ABDA4
Description  66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2E02ABDA4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 66AK2E02ABDA4 Datasheet HTML 6Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 7Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 8Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 9Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 10Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 11Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 12Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 13Page - Texas Instruments 66AK2E02ABDA4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 282 page
background image
66AK2E05, 66AK2E02
SPRS865D – NOVEMBER 2012 – REVISED MARCH 2015
www.ti.com
3.3
Development Tools
3.3.1
Development Support
In case the customer would like to develop their own features and software on the 66AK2E0x device, TI
offers an extensive line of development tools for the KeyStone II platform, including tools to evaluate the
performance of the processors, generate code, develop algorithm implementations, and fully integrate and
debug software and hardware modules. The tool's support documentation is electronically available within
the Code Composer Studio™ Integrated Development Environment (IDE).
The following products support development of KeyStone devices:
Software Development Tools:
Code
Composer
Studio
Integrated
Development
Environment
(IDE),
including
Editor
C/C++/Assembly Code Generation, and Debug plus additional development tools
Scalable, Real-Time foundation software, which provides the basic run-time target software needed
to support any application
Hardware Development Tools:
Extended Development System (XDS™) Emulator (supports multiprocessor system debug) XDS™
EVM (Evaluation Module)
3.4
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
devices and support tools. Each family member has one of two prefixes: X or [blank]. These prefixes
represent evolutionary stages of product development from engineering prototypes through fully qualified
production devices/tools.
3.4.1
Device Development Evolutionary Flow
The device development evolutionary flow is as follows:
X: Experimental device that is not necessarily representative of the final device's electrical
specifications
[Blank]: Fully qualified production device
Support tool development evolutionary flow:
X: Development-support product that has not yet completed Texas Instruments internal qualification
testing.
[Blank]: Fully qualified development-support product
Experimental (X) and fully qualified [Blank] devices and development-support tools are shipped with the
following disclaimer:
Developmental product is intended for internal evaluation purposes.
Fully qualified and production devices and development-support tools have been characterized fully, and
the quality and reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that experimental devices (X) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ABD), the temperature range (for example, blank is the default case
temperature range), and the device speed range, in Megahertz (for example, blank is 1000 MHz [1 GHz]).
For device part numbers and further ordering information for 66AK2E0x in the ABD package type, see the
TI website www.ti.com or contact your TI sales representative.
10
Device Characteristics
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: 66AK2E05 66AK2E02


Similar Part No. - 66AK2E02ABDA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E02ABDA4 TI-66AK2E02ABDA4 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2E02ABDA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2E05 TI-66AK2E05_15 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com